Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530 Datasheet(PDF) 121 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530
Description  Geode??CS5530 I/O Companion Multi-Function South Bridge
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530 Datasheet(HTML) 121 Page - National Semiconductor (TI)

Back Button CS5530 Datasheet HTML 117Page - National Semiconductor (TI) CS5530 Datasheet HTML 118Page - National Semiconductor (TI) CS5530 Datasheet HTML 119Page - National Semiconductor (TI) CS5530 Datasheet HTML 120Page - National Semiconductor (TI) CS5530 Datasheet HTML 121Page - National Semiconductor (TI) CS5530 Datasheet HTML 122Page - National Semiconductor (TI) CS5530 Datasheet HTML 123Page - National Semiconductor (TI) CS5530 Datasheet HTML 124Page - National Semiconductor (TI) CS5530 Datasheet HTML 125Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 241 page
background image
Revision 4.1
121
www.national.com
Functional Description (Continued)
Fast Path Write captures the data and address bit 1 (A1)
of the first access, but does not generate an SMI. A1 is
stored in F3BAR+Memory Offset 14h[15]. The second
access causes an SMI, and the data and address are
captured as in a normal trapped I/O.
In Fast Path Write, the CS5530 responds to writes to the
following addresses:
388h, 38Ah and 38B
2x0h, 2x2h, and 2x8h
Table 3-66 and Table 3-67 show the bit formats of the sec-
ond and third level SMI status reporting registers, respec-
tively. Table 3-68 shows the sound card I/O trap and Fast
Path Read/Write programming bits.
Figure 3-22. Audio SMI Tree Example
SMI# Asserted
SMM software reads SMI Header
If Bit X = 0
(Internal SMI)
If Bit X = 1
(External SMI)
Call internal SMI handler
to take appropriate action
Geode™ GXLV
Geode™ CS5530
F1BAR+Memory
Read to Clear
to determine
top-level source
of SMI
F3BAR+Memory
Offset 10h
Read to Clear
SMI Deasserted after all SMI Sources are Cleared
Bit 7
ABM5_SMI
Bits [15:2]
Bit 0
Bit 1
AUDIO_SMI
Offset 02h
Processor
to determine
second-level
source of SMI
Bits [15:8]
Bit 6
ABM4_SMI
Bit 5
ABM3_SMI
Bit 4
ABM2_SMI
Bit 3
ABM1_SMI
Bit 2
ABM0_SMI
Bit 1
SER_INTR_SMI
Bit 0
I/O_TRAP_SMI
F3BAR+Memory
Offset 14h
Read to Clear
to determine
third-level
source of SMI
Bit 13
SMI_SC/FM_TRAP
Bits [31:14]
Bit 12
SMI_DMA_TRAP
Bit 11
SMI_MPU_TRAP
Bit 10
SMI_SC/FM_TRAP
Bit [9:0]
(i.e., Top, Second, and Third Levels)
Take
Appropriate
Action
Take
Appropriate
Action
Other_SMI
Other_SMI
RSVD
Other_RO
Other_RO
Top Level
Second Level
Third Level
If bit 1 = 1,
Source of
SMI is
If bit 0 = 1,
Source of
SMI is
I/O Trap
Audio Event
I/O Companion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com