Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530 Datasheet(PDF) 118 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530
Description  Geode??CS5530 I/O Companion Multi-Function South Bridge
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530 Datasheet(HTML) 118 Page - National Semiconductor (TI)

Back Button CS5530 Datasheet HTML 114Page - National Semiconductor (TI) CS5530 Datasheet HTML 115Page - National Semiconductor (TI) CS5530 Datasheet HTML 116Page - National Semiconductor (TI) CS5530 Datasheet HTML 117Page - National Semiconductor (TI) CS5530 Datasheet HTML 118Page - National Semiconductor (TI) CS5530 Datasheet HTML 119Page - National Semiconductor (TI) CS5530 Datasheet HTML 120Page - National Semiconductor (TI) CS5530 Datasheet HTML 121Page - National Semiconductor (TI) CS5530 Datasheet HTML 122Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 241 page
background image
www.national.com
118
Revision 4.1
Functional Description (Continued)
5)
The bus master transfers data to/from memory
responding to bus master requests from the AC97
interface. At the completion of each PRD, the bus
master’s next response depends on the settings of
the flags in the PRD.
Example - At the completion of PRD_1 an SMI is
generated because the EOP bit is set while the bus
master continues on to PRD_2. The address in the
PRD Table Address Register is incremented by 08h
and is now pointing to PRD_3. The SMI Status
Register is read to clear the End of Page status flag.
Since Audio Buffer_1 is now empty, the software can
refill it.
At thecompletionof PRD_2anSMI is generated
because the EOP bit is set. The bus master then
continues ontoPRD_3. Theaddress in the PRD
Table Address Register is incremented by 08h. The
DMA SMI Status Register is read to clear the End of
Page status flag. Since Audio Buffer_2 is now empty,
the software can refill it. Audio Buffer_1 has been
refilled from the previous SMI.
PRD_3 has the JMP bit set. This means the bus
master
uses
the
address
stored
in
PRD_3
(Address_3) to locate the next PRD. It does not use
the address in the PRD Table Address Register to
get the next PRD. Since Address_3 is the location of
PRD_1, the bus master has looped the PRD table.
Stopping the bus master can be accomplished by not
reading the SMI Status Register End of Page status
flag. This will lead to a second EOP which causes a
Bus Master Error and pauses the bus master. In
effect, once a bus master has been enabled it never
has to be disabled, just paused. The bus master
cannot be disabled unless the bus master has been
paused or has reached an EOT.
3.7.1.5
AC97 Codec Interface
The CS5530 provides an AC97 Specification Revision
1.3, 2.0, and 2.1 compatible interface. Any AC97 codec
which supports sample rate conversion (SRC) can be
used with the CS5530. This type of codec allows for a
design which meets the requirements for PC97 and
PC98-compliant audio as defined by Microsoft Corpora-
tion.
The AC97 codec (e.g., LM4548) is the master of the serial
interface and generates the clocks to CS5530, Figure 3-
21 shows the codec and CS5530 signal connections. For
specifications on the serial interface, refer to the appropri-
ate codec manufacturer’s data sheet.
For PC speaker synthesis, the CS5530 outputs the PC
speaker signal on the PC_BEEP pin which is connected
to the PC_BEEP input of the AC97 codec.
Figure 3-21. AC97 Signal Connections
Codec Configuration/Control Registers
The codec related registers consist of four 32-bit regis-
ters:
• Codec GPIO Status Register
• Codec GPIO Control Register
• Codec Status Register
• Codec Command Register
Codec GPIO Status and Control Registers (F3BAR+
Memory Offset 00h and 04h)
The Codec GPIO Status and Control Registers are used
for codec GPIO related tasks such as enabling a codec
GPIO interrupt to cause an SMI.
Codec Status Register (F3BAR+Memory Offset 08h)
The Codec Status Register stores the codec status word.
It updates every valid Status Word slot.
Codec Control Register (F3BAR+Memory Offset 0Ch)
The Codec Control Register writes the control word to the
codec. By writing the appropriate control words to this
port, the features of the codec can be controlled. The con-
tents of this register are written to the codec during the
Control Word slot.
BITCLK
PC_BEEP
SDAT_I
SDAT_O
PC_BEEP
SDATA_IN
SDATA_OUT
AC97
BIT_CLK
24.576MHz
SYNC
SYNC
External Source
Codec
Geode™
CS5530 I/O
Companion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com