Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530 Datasheet(PDF) 114 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530
Description  Geode??CS5530 I/O Companion Multi-Function South Bridge
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530 Datasheet(HTML) 114 Page - National Semiconductor (TI)

Back Button CS5530 Datasheet HTML 110Page - National Semiconductor (TI) CS5530 Datasheet HTML 111Page - National Semiconductor (TI) CS5530 Datasheet HTML 112Page - National Semiconductor (TI) CS5530 Datasheet HTML 113Page - National Semiconductor (TI) CS5530 Datasheet HTML 114Page - National Semiconductor (TI) CS5530 Datasheet HTML 115Page - National Semiconductor (TI) CS5530 Datasheet HTML 116Page - National Semiconductor (TI) CS5530 Datasheet HTML 117Page - National Semiconductor (TI) CS5530 Datasheet HTML 118Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 241 page
background image
www.national.com
114
Revision 4.1
Functional Description (Continued)
The six bus masters that directly drive specific slots on the
AC97 interface:
• Audio Bus Master 0
- Output to codec
- PCI read
-32-Bit
- Left and right channels
-Slots 3 and 4
• Audio Bus Master 1
- Input from codec
-PCI write
-32-Bit
- Left and right channels
-Slots 3 and 4
• Audio Bus Master 2
- Output to codec
- PCI read
-16-Bit
-Slot 5
• Audio Bus Master 3
- Input from codec
-PCI write
-16-Bit
-Slot 5
•Audio Bus Master 4
- Output to codec
-PCI read
- 16-Bit
- Slot 6 or 11 (F3BAR+Memory Offset 08h[19] selects
slot)
•Audio Bus Master 5
- Input from codec
- PCI write
- 16-Bit
- Slot 6 or 11 (F3BAR+Memory Offset 08h[20] selects
slot)
Bus Master Audio Configuration Registers
The format for the bus master audio configuration regis-
ters is similar in that each bus master has a Command
Register, an SMI Status Register and a PRD Table
Address Register. Programming of the bus masters is
generic in many ways, although specific programming is
required of bit 3 in the Command Register. This bit selects
read or write control and is dependent upon which Audio
Bus Master is being programmed.
Table 3-62. Generic Bit Formats for Audio Bus Master Configuration Registers
Bit
Description
Command Register (R/W)
7:4
Reserved: Set to 0. Must return 0 on reads.
3
Read or Write Control: Set the transfer direction of Audio Bus Master X: 0 = PCI reads performed;
1 = PCI writes performed.
This bit should not be changed when the bus master is active. The setting of this bit is dependent upon the assigned bus
master.
Note: Must be R/W as a byte.
2:1
Reserved: Set to 0. Must return 0 on reads.
0
Bus Master Control: Controls the state of the Audio Bus Master X: 0 = Disable; 1 = Enable.
Setting this bit to 1 enables the bus master to begin data transfers. When writing this bit to 0, the bus master must either
be paused or have reached EOT. Writing this bit to 0 while the bus master is operating results in unpredictable behavior
including the possibility of the bus master state machine crashing. The only recovery from this condition is a PCI reset.
Note: Must be read and written as a BYTE.
SMI Status Register (RC)
7:2
Reserved (Read to Clear)
1
Bus Master Error (Read to Clear): Hardware encountered a second EOP (end of page) before software has cleared the
first?0= No; 1 = Yes.
If hardware encounters a second EOP before software has cleared the first, it causes the bus master to pause until this
register is read to clear the error.
Note: Must be R/W as a byte.
0
End of Page (Read to Clear): Bus master transferred data which is marked by EOP bit in the PRD table (bit 30)?
0= No; 1 = Yes.
Note: Must be read and written as a BYTE.
PRD Table Address (R/W)
31:2
Pointer to the Physical Region Descriptor Table: This register is a PRD table pointer for Audio Bus Master X.
When written, this register points to the first entry in a PRD table. Once Audio Bus Master X is enabled (Command Reg-
ister bit 0 = 1], it loads the pointer and updates this register to the next PRD by adding 08h.
When read, this register points to the next PRD.
1:0
Reserved: Set to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com