Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530 Datasheet(PDF) 112 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530
Description  Geode??CS5530 I/O Companion Multi-Function South Bridge
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530 Datasheet(HTML) 112 Page - National Semiconductor (TI)

Back Button CS5530 Datasheet HTML 108Page - National Semiconductor (TI) CS5530 Datasheet HTML 109Page - National Semiconductor (TI) CS5530 Datasheet HTML 110Page - National Semiconductor (TI) CS5530 Datasheet HTML 111Page - National Semiconductor (TI) CS5530 Datasheet HTML 112Page - National Semiconductor (TI) CS5530 Datasheet HTML 113Page - National Semiconductor (TI) CS5530 Datasheet HTML 114Page - National Semiconductor (TI) CS5530 Datasheet HTML 115Page - National Semiconductor (TI) CS5530 Datasheet HTML 116Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 241 page
background image
www.national.com
112
Revision 4.1
Functional Description (Continued)
Table 3-60. MDMA/UDMA Control Registers
Bit
Description
F2BAR+I/O Offset 24h-27h
Channel 0 Drive 0 DMA Control Register (R/W)
Reset Value = 00077771h
If bit 20 = 0, Multiword DMA
Settings for:
Multiword DMA Mode 0 = 00077771h
Multiword DMA Mode 1 = 00012121h
Multiword DMA Mode 2 = 00002020h
31
PIO Mode Format: 0 = Format 0; 1 = Format 1
30:21
Reserved: Set to 0.
20
DMA Select: DMA operation: 0 = Multiword DMA; 1 = Ultra DMA/33.
19:16
tKR: IDE_IOR# recovery time (4-bit) (value + 1 cycle)
15:12
tDR: IDE_IOR# pulse width (value + 1 cycle)
11:8
tKW: IDE_IOW# recovery time (4-bit) (value + 1 cycle)
7:4
tDW: IDE_IOW# pulse width (value + 1 cycle)
3:0
tM: IDE_CS0#/CS1# to IDE_IOR#/IOW# setup; IDE_CS0#/CS1# setup to IDE_DACK0#/DACK1#
If bit 20= 1, UltraDMA/33
Settings for:
Ultra DMA/33 Mode 0 = 00921250h
Ultra DMA/33 Mode 1 = 00911140h
Ultra DMA/33 Mode 2 = 00911030h
31
PIO Mode Format: 0 = Format 0; 1 = Format 1
30:21
Reserved: Set to 0.
20
DMA Select: DMA operation: 0 = Multiword DMA, 1 = Ultra DMA/33.
19:16
tCRC: CRC setup UDMA in IDE_DACK# (value + 1 cycle) (for host terminate CRC setup = tMLI + tSS)
15:12
tSS: UDMA out (value + 1 cycle)
11:8
tCYC: Data setup and cycle time UDMA out (value + 2 cycles)
7:4
tRP: Ready to pause time (value + 1 cycle). Note: tRFS + 1 tRP on next clock.
3:0
tACK: IDE_CS0#/CS1# setup to IDE_DACK0#/DACK1# (value + 1 cycle)
F2BAR+I/O Offset 2Ch-2Fh
Channel 0 Drive 1 DMA Control Register (R/W)
Reset Value = 00017771h
Channel 0 Drive 1 MDMA/UDMA Control Register: Refer to F2BAR+I/O Offset 24h for bit descriptions.
Note: Once the PIO Mode Format is selected in F2BAR+I/O Offset 24h[31], bit 31 of this register is defined as reserved, read only.
F2BAR+I/O Offset 34h-37h
Channel 1 Drive 0 DMA Control Register (R/W)
Reset Value = 00017771h
Channel 1 Drive 0 MDMA/UDMA Control Register: Refer to F2BAR+I/O Offset 24h for bit descriptions.
Note: Once the PIO Mode Format is selected in F2BAR+I/O Offset 24h[31], bit 31 of this register is defined as reserved, read only.
F2BAR+I/O Offset 3Ch-3Fh
Channel 1 Drive 1 DMA Control Register (R/W)
Reset Value = 00017771h
Channel 1 Drive 1 MDMA/UDMA Control Register: Refer to F2BAR+I/O Offset 24h for bit descriptions.
Note: Once the PIO Mode Format is selected in F2BAR+I/O Offset 24h[31], bit 31 of this register is defined as reserved, read only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com