Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530 Datasheet(PDF) 116 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530
Description  Geode??CS5530 I/O Companion Multi-Function South Bridge
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530 Datasheet(HTML) 116 Page - National Semiconductor (TI)

Back Button CS5530 Datasheet HTML 112Page - National Semiconductor (TI) CS5530 Datasheet HTML 113Page - National Semiconductor (TI) CS5530 Datasheet HTML 114Page - National Semiconductor (TI) CS5530 Datasheet HTML 115Page - National Semiconductor (TI) CS5530 Datasheet HTML 116Page - National Semiconductor (TI) CS5530 Datasheet HTML 117Page - National Semiconductor (TI) CS5530 Datasheet HTML 118Page - National Semiconductor (TI) CS5530 Datasheet HTML 119Page - National Semiconductor (TI) CS5530 Datasheet HTML 120Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 241 page
background image
www.national.com
116
Revision 4.1
Functional Description (Continued)
3.7.1.2
Physical Region Descriptor Table Address
Before the bus master starts a master transfer it must be
programmed with a pointer (PRD Table Address Register)
to a Physical Region Descriptor Table. This pointer sets
the starting memory location of the Physical Region
Descriptors (PRDs). The PRDs describe the areas of
memory that are used in the data transfer. The descriptor
table entries must be aligned on a 4-byte boundary and
the table cannot cross a 64 KB boundary in memory.
3.7.1.3
Physical Region Descriptor Format
Each physical memory region to be transferred is
described by a Physical Region Descriptor (PRD) as illus-
trated in Table 3-64. When the bus master is enabled
(Command Register bit 0 = 1), data transfer proceeds until
each PRD in the PRD table has been transferred. The bus
master does not cache PRDs.
The PRD table consists of two DWORDs. The first
DWORD contains a 32-bit pointer to a buffer to be trans-
ferred. The second DWORD contains the size (16 bits) of
the buffer and flags (EOT, EOP, JMP). The description of
the flags are as follows:
• EOT bit - If set in a PRD, this bit indicates the last entry
in the PRD table (bit 31). The last entry in a PRD table
must have either the EOT bit or the JMP bit set. A PRD
can not have both the JMP and EOT bits set.
• EOP bit - If set in a PRD and the bus master has
completed the PRD’s transfer, the End of Page bit is
set (Status Register bit 0 = 1) and an SMI is generated.
If a second EOP is reached due to the completion of
another PRD before the End of Page bit is cleared, the
Bus Master Error bit is set (Status Register bit 1 = 1)
and the bus master pauses. In this paused condition,
reading the Status Register clears both the Bus Master
Error and the End of Page bits and the bus master
continues.
• JMP bit - This PRD is special. If set, the Memory
Region Physical Base Address is now the target
address of the JMP. There is no data transfer with this
PRD. This PRD allows the creation of a looping mecha-
nism. If a PRD table is created with the JMP bit set in
the last PRD, the PRD table does not need a PRD with
the EOT bit set. A PRD can not have both the JMP and
EOT bits set.
Table 3-64. Physical Region Descriptor Format
DWORD
Byte 3
Byte 2
Byte 1
Byte 0
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9
8
7
6
5
4
3
2
1
0
0
Memory Region Base Address [31:1] (Audio Data Buffer)
0
1E
O
T
E
O
P
J
M
P
Reserved
Size [15:1]
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com