Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530 Datasheet(PDF) 202 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530
Description  Geode??CS5530 I/O Companion Multi-Function South Bridge
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530 Datasheet(HTML) 202 Page - National Semiconductor (TI)

Back Button CS5530 Datasheet HTML 198Page - National Semiconductor (TI) CS5530 Datasheet HTML 199Page - National Semiconductor (TI) CS5530 Datasheet HTML 200Page - National Semiconductor (TI) CS5530 Datasheet HTML 201Page - National Semiconductor (TI) CS5530 Datasheet HTML 202Page - National Semiconductor (TI) CS5530 Datasheet HTML 203Page - National Semiconductor (TI) CS5530 Datasheet HTML 204Page - National Semiconductor (TI) CS5530 Datasheet HTML 205Page - National Semiconductor (TI) CS5530 Datasheet HTML 206Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 241 page
background image
www.national.com
202
Revision 4.1
Register Descriptions (Continued)
Offset 0Ch-0Fh
Video Y Register (R/W)
Reset Value = xxxxxxxxh
31:27
Reserved: Set to 0.
26:16
VideoYEndPosition: This field represents the vertical end position of the video window according to the following for-
mula: Position programmed = screen position + (V_TOTAL – V_SYNC_END) + 1.
15:11
Reserved: Set to 0.
10:0
Video Y Start Position: This field represents the vertical start position of the video window according to the following for-
mula: Position programmed = screen position + (V_TOTAL – V_SYNC_END) + 1.
Offset 10h-13h
Video Scale Register (R/W)
Reset Value = xxxxxxxxh
31:30
Reserved: Set to 0.
29:16
Video Y Scale Factor: This field represents the video window vertical scale factor according to the following
formula:
VID_Y_SCL = 8192 * (Ys - 1) / (Yd - 1)
Where:
Ys = Video Source vertical size in lines
Yd = Video Destination vertical size in lines
15:14
Reserved: Set to 0.
13:0
Video X Scale Factor: This field represents the video window horizontal scale factor according to the following
formula:
VID_X_SCL = 8192 * (Xs - 1) / (Xd - 1)
Where:
Xs = Video Source horizontal size in pixels
Xd = Video Destination horizontal size in pixels
Offset 14h-17h
Video Color Key Register (R/W)
Reset Value = xxxxxxxxh
31:24
Reserved: Set to 0.
23:0
Video Color Key: This field represents the video color key. It is a 24-bit RGB value. The graphics or video data being
compared may be masked prior to the compare by programming the Video Color Mask Register (F4BAR+Memory Offset
18h) appropriately.
Offset 18h-1Bh
Video Color Mask Register (R/W)
Reset Value = xxxxxxxxh
31:24
Reserved: Set to 0.
23:0
Video Color Mask: This field represents the video color mask. It is a 24-bit RGB value. Zeroes in the mask cause the
corresponding bits in the graphics or video stream being compared to be ignored.
Offset 1Ch-1Fh
Palette Address Register (R/W)
Reset Value = xxxxxxxxh
31:8
Reserved: Set to 0.
7:0
Palette Address: The value programmed is used to initialize the palette address counter.
Offset 20h-23h
Palette Data Register (R/W)
Reset Value = xxxxxxxxh
31:24
Reserved: Set to 0.
23:0
Palette Data: This register contains the read or write data for a Gamma RAM access.
Offset 24h-27h
DOT Clock Configuration Register (R/W)
Reset Value = 00000000h
31
Reset: Reset the PLL: 0 = Normal operation; 1 = Reset
30
Half Clock: 0 = Enable; 1 = Disable.
For odd post divisors, half clock enables the falling edge of the VCO clock to be used to generate the falling edge of the
post divider output to more closely approximate a 50% output duty cycle.
29
Reserved: Set to 0.
Table 4-22. F4BAR+Memory Offset xxh: Video Controller Configuration Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com