Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530 Datasheet(PDF) 206 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530
Description  Geode??CS5530 I/O Companion Multi-Function South Bridge
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530 Datasheet(HTML) 206 Page - National Semiconductor (TI)

Back Button CS5530 Datasheet HTML 202Page - National Semiconductor (TI) CS5530 Datasheet HTML 203Page - National Semiconductor (TI) CS5530 Datasheet HTML 204Page - National Semiconductor (TI) CS5530 Datasheet HTML 205Page - National Semiconductor (TI) CS5530 Datasheet HTML 206Page - National Semiconductor (TI) CS5530 Datasheet HTML 207Page - National Semiconductor (TI) CS5530 Datasheet HTML 208Page - National Semiconductor (TI) CS5530 Datasheet HTML 209Page - National Semiconductor (TI) CS5530 Datasheet HTML 210Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 241 page
background image
www.national.com
206
Revision 4.1
Register Descriptions (Continued)
4.4
USB CONTROLLER REGISTERS - PCIUSB
The registers designated as PCIUSB are 32-bit registers
decoded from the PCI address bits 7 through 2 and
C/BE[3:0]#, when IDSEL is high, AD[10:8] select the
appropriate function, and AD[1:0] are '00'. Bytes within a
32-bit address are selected with the valid byte enables. All
registers can be accessed via 8-, 16-, or 32-bit cycles
(i.e., each byte is individually selected by the byte
enables.) Registers marked as reserved, and reserved
bits within a register are not implemented and should
return 0s when read. Writes have no effect for reserved
registers. Table4-24gives thebit formatsfor theUSB
controller’s PCI configuration registers.
Table 4-24. PCIUSB Index xxh: USB Controller Registers
Bit
Description
Index 00h-01h
Vendor Identification Register (RO)
Reset Value = 0E11h
Index 02h-03h
Device Identification Register (RO)
Reset Value = A0F8h
Index 04h-05h
Command Register (R/W)
Reset Value = 0000h
15:10
Reserved: Set to 0.
9
Fast Back-to-Back Enable (Read Only): USB only acts as a master to a single device, so this functionality is not
needed. It is always disabled (must always be set to 0).
8
SERR#: USB asserts SERR# when it detects an address parity error: 0 = Disable; 1 = Enable.
7
Wait Cycle Control: USB does not need to insert a wait state between the address and data on the AD lines. It is always
disabled (bit is set to 0).
6
Parity Error: USB asserts PERR# when it is the agent receiving data and it detects a data parity error:
0 = Disable; 1 = Enable.
5
VGA Palette Snoop Enable (Read Only): USB does not support this function. It is always disabled (bit is set to 0).
4
Memory Write and Invalidate: Allow USB to run Memory Write and Invalidate commands: 0 = Disable; 1 = Enable.
The Memory Write and Invalidate Command will only occur if the cacheline size is set to 32 bytes and the memory write
is exactly one cache line.
If the CS5530 is being used in a GXLV processor based system, this bit must be set to 0.
3
Special Cycles: USB does not run special cycles on PCI. It is always disabled (bit is set to 0).
2
PCI Master Enable: Allow USB to run PCI master cycles: 0 = Disable; 1 = Enable.
1
Memory Space: Allow USB to respond as a target to memory cycles: 0 = Disable; 1 = Enable.
0
I/O Space: Allow USB to respond as a target to I/O cycles: 0 = Disable; 1 = Enable.
Index 06h-07h
Status Register (R/W)
Reset Value = 0280h
15
Detected Parity Error: This bit is set whenever the USB detects a parity error, even if the Parity Error (Response) Detec-
tion Enable Bit (Command Register, bit 6) is disabled. Write 1 to clear.
14
SERR# Status: This bit is set whenever the USB detects a PCI address error. Write 1 to clear.
13
Received Master Abort Status: This bit is set when the USB, acting as a PCI master, aborts a PCI bus memory cycle.
Write 1 to clear.
12
Received Target Abort Status: This bit is set when a USB generated PCI cycle (USB is the PCI master) is aborted by a
PCI target. Write 1 to clear.
11
Signaled Target Abort Status: This bit is set whenever the USB signals a target abort. Write 1 to clear.
10:9
DEVSEL# Timing (Read Only): These bits indicate the DEVSEL# timing when performing a positive decode. Since
DEVSEL# is asserted to meet the medium timing, these bits are encoded as 01b.
8
Data Parity Reported: Set to 1 if the Parity Error Response bit (Command Register bit 6) is set, and USB detects PERR#
asserted while acting as PCI master (whether PERR# was driven by USB or not).
7
Fast Back-to-Back Capable: USB does support fast back-to-back transactions when the transactions are not to the
same agent. This bit is always 1.
6:0
Reserved: Set to 0.
Note: The PCI Specification defines this register to record status information for PCI related events. This is a read/write register.
However, writes can only reset bits. A bit is reset whenever the register is written and the data in the corresponding bit location
is a 1.
Index 08h
Device Revision ID Register (RO)
Reset Value = 00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com