Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530 Datasheet(PDF) 209 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530
Description  Geode??CS5530 I/O Companion Multi-Function South Bridge
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530 Datasheet(HTML) 209 Page - National Semiconductor (TI)

Back Button CS5530 Datasheet HTML 205Page - National Semiconductor (TI) CS5530 Datasheet HTML 206Page - National Semiconductor (TI) CS5530 Datasheet HTML 207Page - National Semiconductor (TI) CS5530 Datasheet HTML 208Page - National Semiconductor (TI) CS5530 Datasheet HTML 209Page - National Semiconductor (TI) CS5530 Datasheet HTML 210Page - National Semiconductor (TI) CS5530 Datasheet HTML 211Page - National Semiconductor (TI) CS5530 Datasheet HTML 212Page - National Semiconductor (TI) CS5530 Datasheet HTML 213Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 241 page
background image
Revision 4.1
209
www.national.com
Register Descriptions (Continued)
I/O Port 009h (WO)
Software DMA Request Register, Channels 3:0
7:3
Reserved: Set to 0.
2
Request Type: 0= Reset; 1= Set.
1:0
Channel Number Request Select: 00 = Channel 0; 01 = Channel 1; 10 = Channel 2; 11 = Channel 3.
I/O Port 00Ah (R/W)
DMA Channel Mask Register, Channels 3:0
7:3
Reserved: Set to 0.
2
Channel Mask: 0 = Not masked; 1 = Masked
1:0
Channel Number Mask Select: 00 = Channel 0; 01 = Channel 1; 10 = Channel 2; 11 = Channel 3
I/O Port 00Bh (WO)
DMA Channel Mode Register, Channels 3:0
7:6
Transfer Mode: 00 = Demand; 01 = Single; 10 = Block; 11 = Cascade.
5
Address Direction: 0 = Increment; 1 = Decrement.
4
Auto-initialize: 0 = Disable; 1 = Enable.
3:2
Transfer Type: 00 = Verify; 01 = Memory read; 10 = Memory write; 11 = Reserved.
1:0
Channel Number Mode Select: 00 = Channel 0; 01 = Channel 1; 10 = Channel 2; 11 = Channel 3.
I/O Port 00Ch (WO)
DMA Clear Byte Pointer Command, Channels 3:0
I/O Port 00Dh (WO)
DMA Master Clear Command, Channels 3:0
I/O Port 00Eh (WO)
DMA Clear Mask Register Command, Channels 3:0
I/O Port 00Fh (WO)
DMA Write Mask Register Command, Channels 3:0
I/O Port 0C0h (R/W)
DMA Channel 4 Address Register
Not used.
I/O Port 0C2h (R/W)
DMA Channel 4 Transfer Count Register
Not used.
I/O Port 0C4h (R/W)
DMA Channel 5 Address Register
Memory address bytes 1 and 0.
I/O Port 0C6h (R/W)
DMA Channel 5 Transfer Count Register
Transfer count bytes 1 and 0
I/O Port 0C8h (R/W)
DMA Channel 6 Address Register
Memory address bytes 1 and 0.
I/O Port 0CAh (R/W)
DMA Channel 6 Transfer Count Register
Transfer count bytes 1 and 0.
I/O Port 0CCh (R/W)
DMA Channel 7 Address Register
Memory address bytes 1 and 0.
I/O Port 0CEh (R/W)
DMA Channel 7 Transfer Count Register
Transfer count bytes 1 and 0.
Table 4-25. DMA Channel Control Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com