Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8993 Datasheet(PDF) 114 Page - Wolfson Microelectronics plc

Part # WM8993
Description  Audio Hub CODEC for Multimedia Phones
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8993 Datasheet(HTML) 114 Page - Wolfson Microelectronics plc

Back Button WM8993 Datasheet HTML 110Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 111Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 112Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 113Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 114Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 115Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 116Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 117Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 118Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 229 page
background image
WM8993
Production Data
w
PD, November 2010, Rev 4.0
114
Figure 49 DSP Mode Audio Interface (mode A, AIF_LRCLK_INV=0, Slave)
Figure 50 DSP Mode Audio Interface (mode B, AIF_LRCLK_INV=1, Slave)
PCM operation is supported in DSP interface mode. WM8993 ADC data that is output on the Left
Channel will be read as mono PCM data by the receiving equipment. Mono PCM data received by
the WM8993 will be treated as Left Channel data. This data may be routed to the Left/Right DACs as
described in the “Digital Mixing” section.
AUDIO DATA FORMATS (TDM MODE)
TDM is supported in master and slave mode and is enabled by register bits AIF_ADC_TDM and
AIF_DAC_TDM. All audio interface data formats support time division multiplexing (TDM) for ADC
and DAC data.
Two time slots are available (Slot 0 and Slot 1), selected by register bits AIFADC_TDM_CHAN and
AIFDAC_TDM_CHAN which control time slots for the ADC data and the DAC data.
When TDM is enabled, the ADCDAT pin will be tri-stated immediately before and immediately after
data transmission, to allow another ADC device to drive this signal line for the remainder of the
sample period. Note that it is important that two ADC devices do not attempt to drive the data pin
simultaneously. A short circuit may occur if the transmission time of the two ADC devices overlap
with each other. See “Audio Data Formats (TDM Mode)” for details of the ADCDAT output relative to
BCLK signal. Note that it is possible to ensure a gap exists between transmissions by setting the
transmitted word length to a value higher than the actual length of the data. For example, if 32-bit
word length is selected where only 24-bit data is available, then the WM8993 interface will tri-state
after transmission of the 24-bit data, ensuring a gap after the WM8993’s TDM slot.
When TDM is enabled, BCLK frequency must be high enough to allow data from both time slots to
be transferred. The relative timing of Slot 0 and Slot 1 depends upon the selected data format as
shown in Figure 51 to Figure 55.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com