Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8993 Datasheet(PDF) 116 Page - Wolfson Microelectronics plc

Part # WM8993
Description  Audio Hub CODEC for Multimedia Phones
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8993 Datasheet(HTML) 116 Page - Wolfson Microelectronics plc

Back Button WM8993 Datasheet HTML 112Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 113Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 114Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 115Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 116Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 117Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 118Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 119Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 120Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 229 page
background image
WM8993
Production Data
w
PD, November 2010, Rev 4.0
116
Figure 55 TDM in DSP Mode B
DIGITAL AUDIO INTERFACE CONTROL
The register bits controlling audio data format, word length, left/right channel data source and TDM
are summarised in Table 73.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R4 (04h)
Audio
Interface
(1)
15
AIFADCL_SRC
0
Left Digital Audio interface source
0 = Left ADC data is output on left channel
1 = Right ADC data is output on left channel
14
AIFADCR_SRC
1
Right Digital Audio interface source
0 = Left ADC data is output on right channel
1 = Right ADC data is output on right
channel
13
AIFADC_TDM
0
ADC TDM Enable
0 = Normal ADCDAT operation
1 = TDM enabled on ADCDAT
12
AIFADC_TDM_
CHAN
0
ADCDAT TDM Channel Select
0 = ADCDAT outputs data on slot 0
1 = ADCDAT output data on slot 1
8
AIF_BCLK_INV
0
BCLK Invert
0 = BCLK not inverted
1 = BCLK inverted
Note that AIF_BCLK_INV selects the BCLK
polarity in Master mode and in Slave mode.
7
AIF_LRCLK_IN
V
0
Right, left and I2S modes – LRCLK polarity
0 = normal LRCLK polarity
1 = invert LRCLK polarity
Note that AIF_LRCLK_INV selects the
LRCLK polarity in Master mode and in Slave
mode.
DSP Mode – mode A/B select
0 = MSB is available on 2nd BCLK rising
edge after LRC rising edge (mode A)
1 = MSB is available on 1st BCLK rising
edge after LRC rising edge (mode B)
6:5
AIF_WL [1:0]
10
Digital Audio Interface Word Length
00 = 16 bits
01 = 20 bits
10 = 24 bits
11 = 32 bits
Note - see “Companding” for the selection of
8-bit mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com