Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8993 Datasheet(PDF) 121 Page - Wolfson Microelectronics plc

Part # WM8993
Description  Audio Hub CODEC for Multimedia Phones
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8993 Datasheet(HTML) 121 Page - Wolfson Microelectronics plc

Back Button WM8993 Datasheet HTML 117Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 118Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 119Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 120Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 121Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 122Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 123Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 124Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 125Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 229 page
background image
Production Data
WM8993
w
PD, November 2010, Rev 4.0
121
Note: When the digital sidetone is enabled, ADC data will also be added to DAC digital data input
path within the Digital Mixing circuit. This applies regardless of whether LOOPBACK is enabled.
DIGITAL PULL-UP AND PULL-DOWN
The WM8993 provides integrated pull-up and pull-down resistors on each of the MCLK, DACDAT,
LRCLK and BCLK pins. This provides a flexible capability for interfacing with other devices. Each of
the pull-up and pull-down resistors can be configured independently using the register bits described
in Table 79.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R122 (7Ah)
Digital Pulls
7
MCLK_PU
0
MCLK pull-up resistor enable
0 = pull-up disabled
1 = pull-up enabled
6
MCLK_PD
0
MCLK pull-down resistor enable
0 = pull-down disabled
1 = pull-down enabled
5
DACDAT_PU
0
DACDAT pull-up resistor enable
0 = pull-up disabled
1 = pull-up enabled
4
DACDAT_PD
0
DACDAT pull-down resistor enable
0 = pull-down disabled
1 = pull-down enabled
3
LRCLK_PU
0
LRCLK pull-up resistor enable
0 = pull-up disabled
1 = pull-up enabled
2
LRCLK_PD
0
LRCLK pull-down resistor enable
0 = pull-down disabled
1 = pull-down enabled
1
BCLK_PU
0
BCLK pull-up resistor enable
0 = pull-up disabled
1 = pull-up enabled
0
BCLK_PD
0
BCLK pull-down resistor enable
0 = pull-down disabled
1 = pull-down enabled
Table 79 Digital Audio Interface Pull-Up and Pull-Down Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com