Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8993 Datasheet(PDF) 124 Page - Wolfson Microelectronics plc

Part # WM8993
Description  Audio Hub CODEC for Multimedia Phones
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8993 Datasheet(HTML) 124 Page - Wolfson Microelectronics plc

Back Button WM8993 Datasheet HTML 120Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 121Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 122Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 123Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 124Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 125Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 126Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 127Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 128Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 229 page
background image
WM8993
Production Data
w
PD, November 2010, Rev 4.0
124
CLK_SYS CONTROL
The MCLK_SRC bit is used to select the MCLK source. The source may be either MCLK or GPIO1.
The selected source may also be inverted by setting the register bit MCLK_INV. Note that it is not
recommended to change the control bit MCLK_INV while the WM8993 is processing data as this
may lead to clocking glitches and signal pop and clicks.
The SYSCLK_SRC bit is used to select the source for CLK_SYS. The source may be either the
selected MCLK source or the FLL output. The selected source may also be adjusted by the
MCLK_DIV divider to generate CLK_SYS. These register fields are described in Table 80. See
“Frequency Locked Loop (FLL)” for more details of the Frequency Locked Loop clock generator.
Note that, in AIF Slave modes (see “Digital Audio Interface”), it is important to ensure that CLK_SYS
is synchronised with the LRCLK input. This can be achieved by selecting an MCLK input that is
derived from the same reference as the LRCLK, or can be achieved by selecting the external BCLK
or LRCLK signals as a reference input to one of the FLLs, as a source for CLK_SYS.
If CLK_SYS is not synchronised with LRCLK, then clicks arising from dropped or repeated audio
samples will occur, due to the inherent tolerances of multiple, asynchronous, system clocks.
The CLK_SYS signal is enabled by register bit CLK_SYS_ENA. This bit should be set to 0 when
reconfiguring clock sources. It is not recommended to change MCLK_SRC or SYSCLK_SRC while
the CLK_SYS_ENA bit is set.
The following operating frequency limits must be observed when configuring CLK_SYS. Failure to
observe these limits will result in degraded noise performance and/or incorrect ADC/DAC
functionality.
CLK_SYS ≤ 12.288MHz
CLK_SYS
≥ 3MHz
If DAC_OSR128 = 1 (Automatic Mode only), then CLK_SYS
≥ 6MHz
If DAC_MONO = 1, then CLK_SYS
≥ 64 x fs
If DAC_MONO = 0, then CLK_SYS
≥ 128 x fs
If ADCL_ENA = 1 or ADCR_ENA = 1 then CLK_SYS
≥ 256 x fs
Note that DAC Mono mode (DAC_MONO = 1) is only valid when one or other DAC is disabled. If
both DACs are enabled, then the minimum CLK_SYS for clocking the DACs is 128 x fs.
The CLK_SYS control register fields are defined in Table 80.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R7 (07h)
Clocking 2
15
MCLK_SRC
0
MCLK Source Select
0 = MCLK pin
1 = GPIO1 pin
14
SYSCLK_SRC
0
CLK_SYS Source Select
0 = MCLK
1 = FLL output
12
MCLK_DIV
0
MCLK Divider
0 = MCLK
1 = MCLK / 2
10
MCLK_INV
0b
MCLK Invert
0 = MCLK not inverted
1 = MCLK inverted
R69 (45h)
Bus Control
1
1
CLK_SYS_ENA
1
CLK_SYS enable
0 = disabled
1 = enabled
Table 80 MCLK and CLK_SYS Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com