Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8993 Datasheet(PDF) 126 Page - Wolfson Microelectronics plc

Part # WM8993
Description  Audio Hub CODEC for Multimedia Phones
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8993 Datasheet(HTML) 126 Page - Wolfson Microelectronics plc

Back Button WM8993 Datasheet HTML 122Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 123Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 124Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 125Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 126Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 127Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 128Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 129Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 130Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 229 page
background image
WM8993
Production Data
w
PD, November 2010, Rev 4.0
126
ADC / DAC CLOCK CONTROL
The clocking of the ADC and DAC circuits is derived from CLK_DSP. This signal is generated from
CLK_SYS and is separately enabled, using the register bit CLK_SYS_ENA.
The ADC and DAC sample rates are independently selectable, relative to CLK_DSP. The
programmable dividers allow selection of the commonly used sample rates from typical audio system
clocking frequencies (eg. 12.288MHz). In Manual Clocking Configuration mode, these are controlled
using the register bits described in Table 82. In Automatic Clocking Configuration mode, the ADC
and DAC clocking dividers are configured automatically by the WM8993.
The ADC_DIV register controls the ADC clocking rate. The ADC_DIV register should be set to derive
256 x fs from CLK_DSP, where fs is the ADC sampling rate (eg. 48kHz).
Two modes of ADC operation can be selected using the ADC_OSR128 bit; in 48kHz sample mode,
setting the ADC_OSR128 bit results in 128x oversampling. This bit is enabled by default, giving best
audio performance. Deselecting this bit gives 64x oversampling in 48kHz mode, resulting in
decreased power consumption.
The DAC_DIV and the DAC_DIV4 registers control the DAC clocking rate. For normal operation,
DAC_DIV4 is set, and the DAC_DIV register should be set to derive 256 x fs from CLK_DSP, where
fs is the DAC sampling rate.
Higher performance DAC operation can be achieved by increasing the DAC oversample rate. This is
available in Automatic Clocking Configuration mode only - see Table 81.
The ADC / DAC Clock Control registers are defined in Table 82.
In Manual Clocking Configuration mode, all of these registers may be controlled.
In Automatic Clocking Configuration mode, the CLK_SYS_ENA field must be set by the user. The
ADC_OSR128 bit may be selected if required. The remaining ADC / DAC Clock Control registers are
ignored and invalid in Automatic mode.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R7 (07h)
Clocking 2
7:5
ADC_DIV [2:0]
000
ADC Sample Rate Divider
000 = CLK_SYS / 1
001 = CLK_SYS / 1.5
010 = CLK_SYS / 2
011 = CLK_SYS / 3
100 = CLK_SYS / 4
101 = CLK_SYS / 5.5
110 = CLK_SYS / 6
111= Reserved
Note - this field is ignored and invalid in
Automatic Clocking Configuration mode.
4:2
DAC_DIV [2:0]
000
DAC Sample Rate Divider
000 = CLK_SYS / 1
001 = CLK_SYS / 1.5
010 = CLK_SYS / 2
011 = CLK_SYS / 3
100 = CLK_SYS / 4
101 = CLK_SYS / 5.5
110 = CLK_SYS / 6
111= Reserved
Note - this field is ignored and invalid in
Automatic Clocking Configuration mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com