Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8993 Datasheet(PDF) 133 Page - Wolfson Microelectronics plc

Part # WM8993
Description  Audio Hub CODEC for Multimedia Phones
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8993 Datasheet(HTML) 133 Page - Wolfson Microelectronics plc

Back Button WM8993 Datasheet HTML 129Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 130Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 131Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 132Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 133Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 134Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 135Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 136Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 137Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 229 page
background image
Production Data
WM8993
w
PD, November 2010, Rev 4.0
133
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R60 (3Ch)
FLL Control 1
2
FLL_FRAC
0
Fractional enable
0 = Integer Mode
1 = Fractional Mode
1 recommended in all cases
1
FLL_OSC_ENA
0
FLL Oscillator Enable
0 = FLL disabled
1 = FLL enabled
(Note that this field is required for free-
running FLL modes only)
0
FLL_ENA
0
FLL Enable
0 = FLL disabled
1 = FLL enabled
R61 (3Dh)
FLL Control 2
10:8
FLL_OUTDIV
[2:0]
000
FOUT clock divider
000 = 2
001 = 4
010 = 8
011 = 16
100 = 32
101 = 64
110 = 128
111 = 256
(FOUT = FVCO / FLL_OUTDIV)
2:0
FLL_FRATIO
[2:0]
000
FVCO clock divider
000 = 1
001 = 2
010 = 4
011 = 8
1XX = 16
R62 (3Eh)
FLL Control 3
15:0
FLL_K[15:0]
0000h
Fractional multiply for FREF
(MSB = 0.5)
R63 (3Fh)
FLL Control 4
14:5
FLL_N[9:0]
177h
Integer multiply for FREF
(LSB = 1)
R64 (40h)
FLL Control 5
4:3
FLL_CLK_REF_
DIV [1:0]
00b
FLL Clock Reference Divider
00 = MCLK / 1
01 = MCLK / 2
10 = MCLK / 4
11 = MCLK / 8
MCLK (or other input reference) must
be divided down to <=13.5MHz.
For lower power operation, the
reference clock can be divided down
further if desired.
1:0
FLL_CLK_SRC
[1:0]
10b
FLL Clock source
00 = MCLK
01 = LRCLK
10 = BCLK
11 = Reserved
Table 89 FLL Register Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com