Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8993 Datasheet(PDF) 137 Page - Wolfson Microelectronics plc

Part # WM8993
Description  Audio Hub CODEC for Multimedia Phones
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8993 Datasheet(HTML) 137 Page - Wolfson Microelectronics plc

Back Button WM8993 Datasheet HTML 133Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 134Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 135Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 136Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 137Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 138Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 139Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 140Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 141Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 229 page
background image
Production Data
WM8993
w
PD, November 2010, Rev 4.0
137
CONTROL INTERFACE
The WM8993 is controlled by writing to registers through a 2-wire serial control interface. Readback
is available for all registers, including device ID, power management status and GPIO status.
The WM8993 is a slave device on the control interface; SCLK is a clock input, while SDAT is a bi-
directional data pin. To allow arbitration of multiple slaves (and/or multiple masters) on the same
interface, the WM8993 transmits logic 1 by tri-stating the SDAT pin, rather than pulling it high. An
external pull-up resistor is required to pull the SDAT line high so that the logic 1 can be recognised
by the master.
In order to allow many devices to share a single 2-wire control bus, every device on the bus has a
unique 7-bit device ID (this is not the same as the 8-bit address of each register in the WM8993).
The WM8993 device ID is 0011 0100 (34h). The LSB of the device ID is the Read/Write bit; this bit is
set to logic 1 for “Read” and logic 0 for “Write”.
The WM8993 operates as a slave device only. The controller indicates the start of data transfer with
a high to low transition on SDAT while SCLK remains high. This indicates that a device ID, register
address and data will follow. The WM8993 responds to the start condition and shifts in the next eight
bits on SDAT (7-bit device ID + Read/Write bit, MSB first). If the device ID received matches the
device ID of the WM8993, then the WM8993 responds by pulling SDAT low on the next clock pulse
(ACK). If the device ID is not recognised or the R/W bit is set incorrectly, the WM8993 returns to the
idle condition and waits for a new start condition and valid address.
If the device ID matches the device ID of the WM8993, the data transfer continues as described
below. The controller indicates the end of data transfer with a low to high transition on SDAT while
SCKL remains high. After receiving a complete address and data sequence the WM8993 returns to
the idle state and waits for another start condition. If a start or stop condition is detected out of
sequence at any point during data transfer (i.e. SDAT changes while SCLK is high), the device
returns to the idle condition.
The WM8993 supports the following read and write operations:
Single write
Single read
Multiple write using auto-increment
Multiple read using auto-increment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com