Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8993 Datasheet(PDF) 142 Page - Wolfson Microelectronics plc

Part # WM8993
Description  Audio Hub CODEC for Multimedia Phones
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8993 Datasheet(HTML) 142 Page - Wolfson Microelectronics plc

Back Button WM8993 Datasheet HTML 138Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 139Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 140Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 141Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 142Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 143Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 144Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 145Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 146Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 229 page
background image
WM8993
Production Data
w
PD, November 2010, Rev 4.0
142
WSEQ_DATA_WIDTH is a 3-bit field which identifies the width of the data block to be written. This
enables selected portions of a Control Register to be updated without any concern for other bits
within the same register, eliminating the need for read-modify-write procedures. Values of 0 to 7
correspond to data widths of 1 to 8 respectively. For example, setting WSEQ_DATA_WIDTH = 010
will cause a 3-bit data block to be written. Note that the maximum value of this field corresponds to
an 8-bit data block; writing to register fields greater than 8 bits wide must be performed using two
separate operations of the Control Write Sequencer.
WSEQ_DATA is an 8-bit field which contains the data to be written to the selected Control Register.
The WSEQ_DATA_WIDTH field determines how many of these bits are written to the selected
register; the most significant bits (above the number indicated by WSEQ_DATA_WIDTH) are
ignored.
WSEQ_DELAY is a 4-bit field which controls the waiting time between the current step and the next
step in the sequence i.e. the delay occurs after the write in which it was called. The total delay time
per step (including execution) is given by:
T = k × (2 WSEQ_DELAY + 8)
where k = 62.5
μs (under recommended operating conditions)
This gives a useful range of execution/delay times from 562
μs up to 2.048s per step.
WSEQ_EOS is a 1-bit field which indicates the End of Sequence. If this bit is set, then the Control
Write Sequencer will automatically stop after this step has been executed.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R70 (46h)
Write
Sequencer 0
4:0
WSEQ_WRIT
E_INDEX [4:0]
0_0000
Sequence Write Index. This is the
memory location to which any updates
to R71 and R72 will be copied.
0 to 31 = RAM addresses
R71 (47h)
Write
Sequencer 1
14:12
WSEQ_DATA
_WIDTH [2:0]
000
Width of the data block written in this
sequence step.
000 = 1 bit
001 = 2 bits
010 = 3 bits
011 = 4 bits
100 = 5 bits
101 = 6 bits
110 = 7 bits
111 = 8 bits
11:8
WSEQ_DATA
_START [3:0]
0000
Bit position of the LSB of the data block
written in this sequence step.
0000 = Bit 0
…
1111 = Bit 15
7:0
WSEQ_ADDR
[7:0]
0000_0000
Control Register Address to be written to
in this sequence step.
R72 (48h)
Write
Sequencer 2
14
WSEQ_EOS
0
End of Sequence flag. This bit indicates
whether the Control Write Sequencer
should stop after executing this step.
0 = Not end of sequence
1 = End of sequence (Stop the
sequencer after this step).
11:8
WSEQ_DELA
Y [3:0]
0000
Time delay after executing this step.
Total time per step (including execution)
= 62.5μs × (2
WSEQ_DELAY + 8)
7:0
WSEQ_DATA
[7:0]
0000_0000
Data to be written in this sequence step.
When the data width is less than 8 bits,
then one or more of the MSBs of
WSEQ_DATA are ignored. It is
recommended that unused bits be set to
0.
Table 94 Write Sequencer Control - Programming a Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com