Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8993 Datasheet(PDF) 144 Page - Wolfson Microelectronics plc

Part # WM8993
Description  Audio Hub CODEC for Multimedia Phones
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8993 Datasheet(HTML) 144 Page - Wolfson Microelectronics plc

Back Button WM8993 Datasheet HTML 140Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 141Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 142Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 143Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 144Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 145Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 146Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 147Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 148Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 229 page
background image
WM8993
Production Data
w
PD, November 2010, Rev 4.0
144
The following default control sequences are provided:
1.
Headphone Cold Start-Up - This sequence powers up the headphone driver and charge pump.
It commands the DC Servo to perform offset correction. It enables the master bias required for
analogue functions. This sequence is intended for enabling the headphone output after initial
power-on, when DC offset correction has not previously been run.
2.
Headphone Warm Start-Up - This sequence is similar to the Headphone Cold Start-Up, but
does not include the DC Servo operation. This sequence is intended for fast enabling of the
headphone output when DC offset correction has previously been scheduled and provided the
analogue gain settings have not been updated since scheduling the DC offset correction.
3.
Speaker Start-Up - This sequence powers up the stereo speaker driver. It also enables the
master bias required for analogue functions.
4.
Earpiece Start-Up - This sequence powers up the earpiece driver. It also enables the master
bias required for analogue functions. The soft-start VMID option is used in order to suppress
pops when the driver is enabled. This sequence is intended for enabling the earpiece driver
when the master bias has not previously been enabled.
5.
Line Output Start-Up - This sequence powers up the line outputs. Active discharge of the line
outputs is selected, followed by the soft-start VMID enable, followed by selection of the master
bias and un-muting of the line outputs. This sequence is intended for enabling the line drivers
when the master bias has not previously been enabled.
6.
Speaker and Headphone Fast Shut-Down - This sequence implements a fast shutdown of the
speaker and headphone drivers. It also disables the DC Servo and charge pump circuits, and
disables the analogue bias circuits using the soft-start (ramp) feature. This sequence is
intended as a shut-down sequence when only the speaker or headphone drivers are enabled.
7.
Generic Shut-Down - This sequence shuts down all of the WM8993 output drivers, DC Servo,
charge pump and analogue bias circuits. It is similar to the Fast Shut-Down sequence, with the
additional control of the earpiece and line output drivers. Active discharge of the line outputs is
included and all drivers are disabled as part of this sequence.
Specific details of each of these sequences is provided below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com