Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8993 Datasheet(PDF) 147 Page - Wolfson Microelectronics plc

Part # WM8993
Description  Audio Hub CODEC for Multimedia Phones
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8993 Datasheet(HTML) 147 Page - Wolfson Microelectronics plc

Back Button WM8993 Datasheet HTML 143Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 144Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 145Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 146Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 147Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 148Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 149Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 150Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 151Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 229 page
background image
Production Data
WM8993
w
PD, November 2010, Rev 4.0
147
Speaker Start-Up
The Speaker Start-Up sequence can be initiated by writing 0110h to Register 73 (49h). This single
operation starts the Control Write Sequencer at Index Address 16 (10h) and executes the sequence
defined in Table 97.
This sequence takes approximately 34ms to run.
WSEQ
INDEX
REGISTER
ADDRESS
WIDTH
START
DATA
DELAY
EOS
DESCRIPTION
16 (10h)
R57 (39h)
5 bits
Bit 2
1Bh
0h
0b
STARTUP_BIAS_ENA = 1
VMID_BUF_ENA = 1
VMID_RAMP[1:0] = 11b
(delay = 0.5625ms)
17 (11h)
R1 (01h)
3 bits
Bit 0
03h
9h
0b
BIAS_ENA = 1
VMID_SEL[1:0] = 01b
(delay = 32.5ms)
18 (12h)
R1 (01h)
2 bits
Bit 12
03h
0h
1b
SPKOUTL_ENA = 1
SPKOUTR_ENE = 1
(delay = 0.5625ms)
Table 97 Speaker Start-Up Default Sequence
Earpiece Start-Up
The Earpiece Start-Up sequence can be initiated by writing 0113h to Register 73 (49h). This single
operation starts the Control Write Sequencer at Index Address 19 (13h) and executes the sequence
defined in Table 98.
This sequence takes approximately 259ms to run.
WSEQ
INDEX
REGISTER
ADDRESS
WIDTH
START
DATA
DELAY
EOS
DESCRIPTION
19 (13h)
R57 (39h)
6 bits
Bit 1
27h
0h
0b
BIAS_SRC = 1
STARTUP_BIAS_ENA = 1
VMID_BUF_ENA = 1
VMID_RAMP[1:0] = 10b
(delay = 0.5625ms)
20 (14h)
R56 (38h)
1 bit
Bit 6
01h
0h
0b
HPOUT2_IN_ENA = 1
(delay = 0.5625ms)
21 (15h)
R1 (01h)
1 bit
Bit 11
01h
0h
0b
HPOUT2_ENA = 1
(delay = 0.5625ms)
22 (16h)
R1 (01h)
3 bits
Bit 0
03h
Ch
0b
BIAS_ENA = 1
VMID_SEL[1:0] = 01b
(delay = 256.5ms)
23 (17h)
R57 (39h)
1 bit
Bit 1
00h
0h
0b
BIAS_SRC = 0
(delay = 0.5625ms)
24 (18h)
R31 (1Fh)
1 bit
Bit 5
00h
0h
1b
HPOUT2_MUTE = 0
(delay = 0.5625ms)
Table 98 Earpiece Start-Up Default Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com