Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8993 Datasheet(PDF) 150 Page - Wolfson Microelectronics plc

Part # WM8993
Description  Audio Hub CODEC for Multimedia Phones
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8993 Datasheet(HTML) 150 Page - Wolfson Microelectronics plc

Back Button WM8993 Datasheet HTML 146Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 147Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 148Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 149Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 150Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 151Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 152Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 153Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 154Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 229 page
background image
WM8993
Production Data
w
PD, November 2010, Rev 4.0
150
Generic Shut-Down
The Generic Shut-Down sequence can be initiated by writing 012Ah to Register 73 (49h). This single
operation starts the Control Write Sequencer at Index Address 42 (2Ah) and executes the sequence
defined in Table 101.
This sequence takes approximately 522ms to run.
WSEQ
INDEX
REGISTER
ADDRESS
WIDTH
START
DATA
DELAY
EOS
DESCRIPTION
42 (2Ah)
R31 (1Fh)
1 bit
Bit 5
01h
0h
0b
HPOUT2_MUTE = 1
(delay = 0.5625ms)
43 (2Bh)
R30 (1Eh)
6 bits
Bit 1
33h
0h
0b
LINEOUT2P_MUTE = 1
LINEOUT2N_MUTE = 1
LINEOUT1P_MUTE = 1
LINEOUT1N_MUTE = 1
(delay = 0.5625ms)
44 (2Ch)
R96 (60h)
7 bits
Bit 1
00h
0h
0b
HPOUT1R_DLY = 0
HPOUT1R_OUTP = 0
HPOUT1R_RMV_SHORT = 0
HPOUT1L_DLY = 0
HPOUT1L_OUTP = 0
HPOUT1L_RMV_SHORT = 0
(delay = 0.5625ms)
45 (2Dh)
R84 (54h)
2 bits
Bit 0
00h
0h
0b
DCS_ENA_CHAN_0 = 0
DCS_ENA_CHAN_1 = 0
(delay = 0.5625ms)
46 (2Eh)
R1 (01h)
2 bits
Bit 8
00h
0h
0b
HPOUT1R_ENA = 0
HPOUT1L_ENA = 0
(delay = 0.5625ms)
47 (2Fh)
R76 (4Ch)
1 bit
Bit 15
00h
0h
0b
CP_ENA = 0
(delay = 0.5625ms)
48 (30h)
R1 (01h)
2 bits
Bit 12
00h
0h
0b
SPKOUTL_ENA = 0
SPKOUTR_ENA = 0
(delay = 0.5625ms)
49 (31h)
R57 (39h)
6 bits
Bit 1
17h
0h
0b
BIAS_SRC = 1
STARTUP_BIAS_ENA = 1
VMID_BUF_ENA = 1
VMID_RAMP[1:0] = 01b
(delay = 0.5625ms)
50 (32h)
R1 (01h)
3 bits
Bit 0
00h
Dh
0b
BIAS_ENA = 0
VMID_SEL = 00b
(delay = 512.5ms)
51 (33h)
R1 (01h)
1 bit
Bit 11
00h
0h
0b
HPOUT2_ENA = 0
(delay = 0.5625ms)
52 (34h)
R56 (38h)
2 bits
Bit 4
03h
0h
0b
LINEOUT2_DISCH = 1
LINEOUT1_DISCH = 1
(delay = 0.5625ms)
53 (35h)
R55 (37h)
1 bit
Bit 0
01h
0h
0b
VROI = 1
(delay = 0.5625ms)
54 (36h)
R56 (38h)
1 bit
Bit 6
00h
0h
0b
HPOUT2_IN_ENA =0
(delay = 0.5625ms)
55 (37h)
R3 (03h)
4 bits
Bit 10
00h
0h
0b
LINEOUT2P_ENA = 0
LINEOUT2N_ENA = 0
LINEOUT1P_ENA = 0
LINEOUT1N_ENA = 0
(delay = 0.5625ms)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com