Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8993 Datasheet(PDF) 152 Page - Wolfson Microelectronics plc

Part # WM8993
Description  Audio Hub CODEC for Multimedia Phones
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8993 Datasheet(HTML) 152 Page - Wolfson Microelectronics plc

Back Button WM8993 Datasheet HTML 148Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 149Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 150Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 151Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 152Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 153Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 154Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 155Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 156Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 229 page
background image
WM8993
Production Data
w
PD, November 2010, Rev 4.0
152
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R56 (38h)
AntiPOP1
5
LINEOUT1_DISC
H
0
Discharges LINEOUT1P and
LINEOUT1N outputs via approx 4k
Ω
resistor
0 = Not active
1 = Actively discharging LINEOUT1P
and LINEOUT1N
4
LINEOUT2_DISC
H
0
Discharges LINEOUT2P and
LINEOUT2N outputs via approx 4k
Ω
resistor
0 = Not active
1 = Actively discharging LINEOUT2P
and LINEOUT2N
Table 103 Line Output Discharge Control
VMID REFERENCE DISCHARGE CONTROL
The VMID reference can be actively discharged to AGND through internal resistors. This is desirable
at start-up in order to achieve a known initial condition prior to enabling the soft-start VMID reference;
this ensures maximum suppression of audible pops associated with start-up. VMID is discharged by
setting VMID_DISCH.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R57 (39h)
AntiPOP2
0
VMID_DISCH
0
Connects VMID to ground
0 = Disabled
1 = Enabled
Table 104 VMID Reference Discharge Control
INPUT VMID CLAMPS
The analogue inputs can be clamped to Vmid using the INPUTS_CLAMP bit described below. This
allows pre-charging of the input AC coupling capacitors during power-up, avoiding long delays when
using headphone bypass paths. Note that all eight inputs are clamped using the same control bit.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R21 (15h) Input
Clamps
6
INPUTS_CLAMP
0
Input pad VMID clamp
0 = Clamp de-activated
1 = Clamp activated
Table 105 Input VMID Clamps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com