Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8993 Datasheet(PDF) 151 Page - Wolfson Microelectronics plc

Part # WM8993
Description  Audio Hub CODEC for Multimedia Phones
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8993 Datasheet(HTML) 151 Page - Wolfson Microelectronics plc

Back Button WM8993 Datasheet HTML 147Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 148Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 149Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 150Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 151Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 152Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 153Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 154Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 155Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 229 page
background image
Production Data
WM8993
w
PD, November 2010, Rev 4.0
151
WSEQ
INDEX
REGISTER
ADDRESS
WIDTH
START
DATA
DELAY
EOS
DESCRIPTION
56 (38h)
R56 (38h)
1 bit
Bit 7
00h
0h
0b
LINEOUT_VMID_BUF_ENA = 0
(delay = 0.5625ms)
57 (39h)
R55 (37h)
1 bit
Bit 0
00h
0h
0b
VROI = 0
(delay = 0.5625ms)
58 (3Ah)
R57 (39h)
6 bits
Bit 1
00h
0h
1b
BIAS_SRC = 0
STARTUP_BIAS_ENA = 0
VMID_BUF_ENA = 0
VMID_RAMP[1:0] = 00b
(delay = 0.5625ms)
Table 101 Generic Shut-Down Default Sequence
POP SUPPRESSION CONTROL
The WM8993 incorporates a number of features, including Wolfson’s SilentSwitch™ technology,
designed to suppress pops normally associated with Start-Up, Shut-Down or signal path control. To
achieve maximum benefit from these features, careful attention is required to the sequence and
timing of these controls. Note that, under the recommended usage conditions of the WM8993, these
features will be configured by running the default Start-Up and Shut-Down sequences as described in
the “Control Write Sequencer” section. In these cases, the user does not need to set these register
fields directly.
The Pop Suppression controls relating to the Headphone / Line Output drivers are described in the
“Output Signal Path” section.
Additional bias controls, also pre-programmed into Control Write Sequencer, are described in the
“Reference Voltages and Master Bias” section.
DISABLED LINE OUTPUT CONTROL
The line outputs are biased to VMID in normal operation. In order to avoid audible pops caused by a
disabled signal path dropping to AGND, the WM8993 can maintain these connections at VMID when
the relevant output stage is disabled. This is achieved by connecting a buffered VMID reference to
the output. The buffered VMID reference is enabled by setting VMID_BUF_ENA. The output
resistance can be either 1000
Ω or 20kΩ, depending on the VROI register bit.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R55 (37h)
Additional
Control
0
VROI
0
Buffered VMID to Analogue Line
Output Resistance (Disabled Outputs)
0 = 20k
Ω from buffered VMID to
output
1 = 1000
Ω from buffered VMID to
output
R57 (39h)
AntiPOP2
3
VMID_BUF_ENA
0
VMID Buffer Enable
0 = Disabled
1 = Enabled
Table 102 Disabled Line Output Control
LINE OUTPUT DISCHARGE CONTROL
The line output paths can be actively discharged to AGND through internal resistors if desired. This is
desirable at start-up in order to achieve a known output stage condition prior to enabling the soft-start
VMID reference voltage. This is also desirable in shut-down to prevent the external connections from
being affected by the internal circuits. The line outputs LINEOUT1P and LINEOUT1N are discharged
to AGND by setting LINEOUT1_DISCH. The line outputs LINEOUT2P and LINEOUT2N are
discharged to AGND by setting LINEOUT2_DISCH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com