Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8993 Datasheet(PDF) 148 Page - Wolfson Microelectronics plc

Part # WM8993
Description  Audio Hub CODEC for Multimedia Phones
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8993 Datasheet(HTML) 148 Page - Wolfson Microelectronics plc

Back Button WM8993 Datasheet HTML 144Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 145Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 146Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 147Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 148Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 149Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 150Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 151Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 152Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 229 page
background image
WM8993
Production Data
w
PD, November 2010, Rev 4.0
148
Line Output Start-Up
The Line Output Start-Up sequence can be initiated by writing 0119h to Register 73 (49h). This single
operation starts the Control Write Sequencer at Index Address 25 (19h) and executes the sequence
defined in Table 99.
This sequence takes approximately 517ms to run.
WSEQ
INDEX
REGISTER
ADDRESS
WIDTH
START
DATA
DELAY
EOS
DESCRIPTION
25 (19h)
R56 (38h)
2 bits
Bit 4
03h
0h
0b
LINEOUT2_DISCH = 1
LINEOUT1_DISCH = 1
(delay = 0.5625ms)
26 (1Ah)
R57 (39h)
6 bits
Bit 1
27h
0h
0b
BIAS_SRC = 1
STARTUP_BIAS_ENA = 1
VMID_BUF_ENA = 1
VMID_RAMP[1:0] = 10b
(delay = 0.5625ms)
27 (1Bh)
R56 (38h)
1 bit
Bit 7
01h
0h
0b
LINEOUT_VMID_BUF_ENA = 1
(delay = 0.5625ms)
28 (1Ch)
R3 (03h)
4 bits
Bit 10
0Fh
0h
0b
LINEOUT2P_ENA = 1
LINEOUT2N_ENA = 1
LINEOUT1P_ENA = 1
LINEOUT1N_ENA = 1
(delay = 0.5625ms)
29 (1Dh)
R56 (38h)
2 bits
Bit 4
00h
0h
0b
LINEOUT2_DISCH = 0
LINEOUT1_DISCH = 0
(delay = 0.5625ms)
30 (1Eh)
R1 (01h)
3 bits
Bit 0
03h
Dh
0b
BIAS_ENA = 1
VMID_SEL = 01b
(delay = 0.5625ms)
31 (1Fh)
R57 (39h)
1 bit
Bit 1
00h
0h
0b
BIAS_SRC = 0
(delay = 512.5ms)
32 (20h)
R30 (1Eh)
2 bits
Bit 5
00h
0h
0b
LINEOUT1P_MUTE = 0
LINEOUT1N_MUTE = 0
(delay = 0.5625ms)
33 (21h)
R30 (1Eh)
2 bits
Bit 1
00h
0h
1b
LINEOUT2P_MUTE = 0
LINEOUT2N_MUTE = 0
(delay = 0.5625ms)
Table 99 Line Output Start-Up Default Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com