Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8993 Datasheet(PDF) 149 Page - Wolfson Microelectronics plc

Part # WM8993
Description  Audio Hub CODEC for Multimedia Phones
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8993 Datasheet(HTML) 149 Page - Wolfson Microelectronics plc

Back Button WM8993 Datasheet HTML 145Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 146Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 147Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 148Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 149Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 150Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 151Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 152Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 153Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 229 page
background image
Production Data
WM8993
w
PD, November 2010, Rev 4.0
149
Speaker and Headphone Fast Shut-Down
The Speaker and Headphone Fast Shut-Down sequence can be initiated by writing 0122h to Register
73 (49h). This single operation starts the Control Write Sequencer at Index Address 34 (22h) and
executes the sequence defined in Table 100.
This sequence takes approximately 37ms to run.
WSEQ
INDEX
REGISTER
ADDRESS
WIDTH
START
DATA
DELAY
EOS
DESCRIPTION
34 (22h)
R96 (60h)
7 bits
Bit 1
00h
0h
0b
HPOUT1R_DLY = 0
HPOUT1R_OUTP = 0
HPOUT1R_RMV_SHORT = 0
HPOUT1L_DLY = 0
HPOUT1L_OUTP = 0
HPOUT1L_RMV_SHORT = 0
(delay = 0.5625ms)
35 (23h)
R84 (54h)
2 bits
Bit 0
00h
0h
0b
DCS_ENA_CHAN_0 = 0
DCS_ENA_CHAN_1 = 0
(delay = 0.5625ms)
36 (24h)
R1 (01h)
2 bits
Bit 8
00h
0h
0b
HPOUT1R_ENA = 0
HPOUT1L_ENA = 0
(delay = 0.5625ms)
37 (25h)
R76 (4Ch)
1 bit
Bit 15
00h
0h
0b
CP_ENA = 0
(delay = 0.5625ms)
38 (26h)
R1 (01h)
2 bits
Bit 12
00h
0h
0b
SPKOUTL_ENA = 0
SPKOUTR_ENA = 0
(delay = 0.5625ms)
39 (27h)
R57 (39h)
6 bits
Bit 1
37h
0h
0b
BIAS_SRC = 1
STARTUP_BIAS_ENA = 1
VMID_BUF_ENA = 1
VMID_RAMP[1:0] = 11b
(delay = 0.5625ms)
40 (28h)
R1 (01h)
3 bits
Bit 0
00h
9h
0b
BIAS_ENA = 0
VMID_SEL = 00b
(delay = 32.5ms)
41 (29h)
R57 (39h)
6 bits
Bit 1
00h
0h
1b
BIAS_SRC = 0
STARTUP_BIAS_ENA = 0
VMID_BUF_ENA = 0
VMID_RAMP[1:0] = 00b
(delay = 0.5625ms)
Table 100 Speaker and Headphone Fast Shut-Down Default Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com