Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8993 Datasheet(PDF) 154 Page - Wolfson Microelectronics plc

Part # WM8993
Description  Audio Hub CODEC for Multimedia Phones
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8993 Datasheet(HTML) 154 Page - Wolfson Microelectronics plc

Back Button WM8993 Datasheet HTML 150Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 151Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 152Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 153Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 154Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 155Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 156Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 157Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 158Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 229 page
background image
WM8993
Production Data
w
PD, November 2010, Rev 4.0
154
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R57 (39h)
AntiPOP2
6:5
VMID_RAMP [1:0]
10
VMID soft start enable / slew rate
control
00 = Normal / Slow start
01 = Normal / Fast start
10 = Soft / Slow start
11 = Soft / Fast soft start
2
STARTUP_BIAS_
ENA
0
Enables the Start-Up bias current
generator
0 = Disabled
1 = Enabled
1
BIAS_SRC
1
Selects the bias current source
0 = Normal bias
1 = Start-Up bias
Table 107 Soft Start Control
POWER MANAGEMENT
The WM8993 has four control registers that allow users to select which functions are active. For
minimum power consumption, unused functions should be disabled. To minimise pop or click noise,
it is important to enable or disable functions in the correct order. See “Control Write Sequencer” for
further details of recommended control sequences.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1 (1h)
Power
Management
(1)
13
SPKOUTR_ENA
0B
SPKMIXR Mixer, SPKRVOL PGA and
SPKOUTR Output Enable
0 = Disabled
1 = Enabled
12
SPKOUTL_ENA
0b
SPKMIXL Mixer, SPKLVOL PGA and
SPKOUTL Output Enable
0 = Disabled
1 = Enabled
11
HPOUT2_ENA
0b
HPOUT2 and HPOUT2MIX Enable
0 = Disabled
1 = Enabled
9
HPOUT1L_ENA
0b
Enables HPOUT1L input stage
0 = Disabled
1 = Enabled
For normal operation, this bit should be
set as the first step of the HPOUT1L
Enable sequence.
Note: When HPOUT1_AUTO_PU is set,
the HPOUT1L_ENA bit automatically
enables all stages of the left headphone
driver
8
HPOUT1R_ENA
0b
Enables HPOUT1R input stage
0 = Disabled
1 = Enabled
For normal operation, this bit should be
set as the first step of the HPOUT1R
Enable sequence.
Note: When HPOUT1_AUTO_PU is set,
the HPOUT1R_ENA bit automatically
enables all stages of the right headphone
driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com