Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8993 Datasheet(PDF) 157 Page - Wolfson Microelectronics plc

Part # WM8993
Description  Audio Hub CODEC for Multimedia Phones
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8993 Datasheet(HTML) 157 Page - Wolfson Microelectronics plc

Back Button WM8993 Datasheet HTML 153Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 154Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 155Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 156Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 157Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 158Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 159Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 160Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 161Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 229 page
background image
Production Data
WM8993
w
PD, November 2010, Rev 4.0
157
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R70 (46h)
Write
Sequencer 0
8
WSEQ_ENA
0b
Write Sequencer Enable.
0 = Disabled
1 = Enabled
R76 (4Ch)
Charge Pump
1
15
CP_ENA
0b
Enable charge-pump digits
0 = disable
1 = enable
Note: Default value of R76[14:0]
(0x1F25h) must not be changed when
enabling/disabling the Charge Pump
R84 (54h)
DC Servo 0
1
DCS_ENA_CHAN
_1
0b
DC Servo enable for HPOUT1R
0 = disabled
1 = enabled
0
DCS_ENA_CHAN
_0
0b
DC Servo enable for HPOUT1L
0 = disabled
1 = enabled
R98 (62h)
EQ 1
0
EQ_ENA
0b
EQ enable
0 = EQ disabled
1 = EQ enabled
Table 108 Power Management



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com