Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8993 Datasheet(PDF) 161 Page - Wolfson Microelectronics plc

Part # WM8993
Description  Audio Hub CODEC for Multimedia Phones
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8993 Datasheet(HTML) 161 Page - Wolfson Microelectronics plc

Back Button WM8993 Datasheet HTML 157Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 158Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 159Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 160Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 161Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 162Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 163Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 164Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 165Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 229 page
background image
Production Data
WM8993
w
PD, November 2010, Rev 4.0
161
SOFTWARE RESET AND DEVICE ID
The device ID can be read back from register 0. Writing to this register will reset the device.
The software reset causes most control registers to be reset to their default state. Note that the
Control Write Sequencer registers R12288 (3000h) through to R12799 (31FFh) are not affected by a
software reset; the Control Sequences defined in these registers are retained unchanged.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R0 (00h)
Software
Reset
15:0
SW_RESET
[15:0]
8993h
Writing to this register resets all
registers to their default state. (Note -
Control Write Sequencer registers are
not affected by Software Reset.)
Reading from this register will indicate
device family ID 8993h.
Table 112 Chip Reset and ID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com