Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8993 Datasheet(PDF) 162 Page - Wolfson Microelectronics plc

Part # WM8993
Description  Audio Hub CODEC for Multimedia Phones
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8993 Datasheet(HTML) 162 Page - Wolfson Microelectronics plc

Back Button WM8993 Datasheet HTML 158Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 159Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 160Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 161Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 162Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 163Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 164Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 165Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 166Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 229 page
background image
WM8993
Production Data
w
PD, November 2010, Rev 4.0
162
THERMAL SHUTDOWN
The WM8993 incorporates a temperature sensor which detects when the device temperature is
within normal limits or if the device is approaching a hazardous temperature condition. The Temp OK
flag can be polled at any time, or output directly on the GPIO1 pin, or may be used to generate
Interrupt events.
The temperature sensor can be configured to automatically disable the audio outputs of the WM8993
in response to an overtemperature condition (approximately 150ºC).
The temperature sensor is enabled by setting the TSHUT_ENA register bit. When the
TSHUT_OPDIS is also set, then a device over-temperature condition will cause the speaker outputs
(SPKOUTL and SPKOUTR) of the WM8993 to be disabled; this response is likely to prevent any
damage to the device attributable to the large currents of the output drivers.
Note that, to prevent pops and clicks, TSHUT_ENA and TSHUT_OPDIS should only be updated
whilst the speaker and headphone outputs are disabled.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R2 (02h)
Power
Management
(2)
14
TSHUT_ENA
1b
Thermal sensor enable
0 = disabled
1 = enabled
13
TSHUT_OPDIS
1b
Thermal shutdown control
(Causes audio outputs to be disabled
if an overtemperature occurs. The
thermal sensor must also be enabled.)
0 = disabled
1 = enabled
Table 113 Thermal Shutdown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com