Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8993 Datasheet(PDF) 166 Page - Wolfson Microelectronics plc

Part # WM8993
Description  Audio Hub CODEC for Multimedia Phones
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8993 Datasheet(HTML) 166 Page - Wolfson Microelectronics plc

Back Button WM8993 Datasheet HTML 162Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 163Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 164Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 165Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 166Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 167Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 168Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 169Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 170Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 229 page
background image
WM8993
Production Data
w
PD, November 2010, Rev 4.0
166
REG
NAME
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DEFAULT
R66 (42h) Clocking 4
0
0
0
0
0
0
DAC_D
IV4
0
0
CLK_256K_DIV [5:0]
SR_M
ODE
025Fh
R69 (45h) Bus Control 1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
CLK_S
YS_EN
A
0
0002h
R70 (46h) Write Sequencer
0
0
0
0
0
0
0
0
WSEQ
_ENA
0
0
0
WSEQ_WRITE_INDEX [4:0]
0000h
R71 (47h) Write Sequencer
1
0
WSEQ_DATA_WIDTH
[2:0]
WSEQ_DATA_START [3:0]
WSEQ_ADDR [7:0]
0000h
R72 (48h) Write Sequencer
2
0
WSEQ
_EOS
0
0
WSEQ_DELAY [3:0]
WSEQ_DATA [7:0]
0000h
R73 (49h) Write Sequencer
3
0
0
0
0
0
0
WSEQ
_ABOR
T
WSEQ
_STAR
T
0
0
WSEQ_START_INDEX [5:0]
0000h
R74 (4Ah) Write Sequencer
4
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
WSEQ
_BUSY
0000h
R75 (4Bh) Write Sequencer
5
0
0
0
0
0
0
0
0
0
0
WSEQ_CURRENT_INDEX [5:0]
0000h
R76 (4Ch) Charge Pump 1
CP_EN
A
0
0
1
1
1
1
1
0
0
1
0
0
1
0
1
1F25h
R81 (51h) Class W 0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
0
CP_DY
N_PW
R
0004h
R84 (54h) DC Servo 0
0
0
DCS_T
RIG_SI
NGLE_
1
DCS_T
RIG_SI
NGLE_
0
0
0
DCS_T
RIG_S
ERIES
_1
DCS_T
RIG_S
ERIES
_0
0
0
DCS_T
RIG_S
TARTU
P_1
DCS_T
RIG_S
TARTU
P_0
DCS_T
RIG_D
AC_W
R_1
DCS_T
RIG_D
AC_W
R_0
DCS_E
NA_CH
AN_1
DCS_E
NA_CH
AN_0
0000h
R85 (55h) DC Servo 1
0
0
0
0
DCS_SERIES_NO_01 [6:0]
0
DCS_TIMER_PERIOD_01 [3:0]
054Ah
R87 (57h) DC Servo 3
DCS_DAC_WR_VAL_1 [7:0]
DCS_DAC_WR_VAL_0 [7:0]
0000h
R88 (58h) DC Servo
Readback 0
0
0
0
0
0
0
DCS_CAL_CO
MPLETE [1:0]
0
0
DCS_DAC_WR
_COMPLETE
[1:0]
0
0
DCS_STARTUP
_COMPLETE
[1:0]
0000h
R89 (59h) DC Servo
Readback 1
0
0
0
0
0
0
0
0
DCS_INTEG_CHAN_1 [7:0]
0000h
R90 (5Ah) DC Servo
Readback 2
0
0
0
0
0
0
0
0
DCS_INTEG_CHAN_0 [7:0]
0000h
R96 (60h) Analogue HP 0
0
0
0
0
0
0
0
HPOU
T1_AU
TO_PU
HPOU
T1L_R
MV_SH
ORT
HPOU
T1L_O
UTP
HPOU
T1L_D
LY
0
HPOU
T1R_R
MV_SH
ORT
HPOU
T1R_O
UTP
HPOU
T1R_D
LY
0
0100h
R98 (62h) EQ1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
EQ_EN
A
0000h
R99 (63h) EQ2
0
0
0
0
0
0
0
0
0
0
0
EQ_B1_GAIN [4:0]
000Ch
R100
(64h)
EQ3
0
0
0
0
0
0
0
0
0
0
0
EQ_B2_GAIN [4:0]
000Ch
R101
(65h)
EQ4
0
0
0
0
0
0
0
0
0
0
0
EQ_B3_GAIN [4:0]
000Ch
R102
(66h)
EQ5
0
0
0
0
0
0
0
0
0
0
0
EQ_B4_GAIN [4:0]
000Ch
R103
(67h)
EQ6
0
0
0
0
0
0
0
0
0
0
0
EQ_B5_GAIN [4:0]
000Ch
R104
(68h)
EQ7
EQ_B1_A [15:0]
0FCAh
R105
(69h)
EQ8
EQ_B1_B [15:0]
0400h
R106
(6Ah)
EQ9
EQ_B1_PG [15:0]
00D8h
R107
(6Bh)
EQ10
EQ_B2_A [15:0]
1EB5h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com