Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8993 Datasheet(PDF) 164 Page - Wolfson Microelectronics plc

Part # WM8993
Description  Audio Hub CODEC for Multimedia Phones
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8993 Datasheet(HTML) 164 Page - Wolfson Microelectronics plc

Back Button WM8993 Datasheet HTML 160Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 161Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 162Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 163Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 164Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 165Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 166Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 167Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 168Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 229 page
background image
WM8993
Production Data
w
PD, November 2010, Rev 4.0
164
REG
NAME
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DEFAULT
R23 (17h) GPIO_POL
JD2_S
C_POL
JD2_P
OL
WSEQ
_POL
IRQ_P
OL
TEMP
OK_PO
L
JD1_S
C_POL
JD1_P
OL
FLL_L
OCK_P
OL
GPI8_
POL
GPI7_
POL
0
0
0
0
0
GPIO1
_POL
0800h
R24 (18h) Left Line Input
1&2 Volume
0
0
0
0
0
0
0
IN1_V
U
IN1L_
MUTE
IN1L_Z
C
0
IN1L_VOL [4:0]
008Bh
R25 (19h) Left Line Input
3&4 Volume
0
0
0
0
0
0
0
IN2_V
U
IN2L_
MUTE
IN2L_Z
C
0
IN2L_VOL [4:0]
008Bh
R26 (1Ah) Right Line Input
1&2 Volume
0
0
0
0
0
0
0
IN1_V
U
IN1R_
MUTE
IN1R_Z
C
0
IN1R_VOL [4:0]
008Bh
R27 (1Bh) Right Line Input
3&4 Volume
0
0
0
0
0
0
0
IN2_V
U
IN2R_
MUTE
IN2R_Z
C
0
IN2R_VOL [4:0]
008Bh
R28 (1Ch) Left Output
Volume
0
0
0
0
0
0
0
HPOU
T1_VU
HPOU
T1L_Z
C
HPOU
T1L_M
UTE_N
HPOUT1L_VOL [5:0]
006Dh
R29 (1Dh) Right Output
Volume
0
0
0
0
0
0
0
HPOU
T1_VU
HPOU
T1R_Z
C
HPOU
T1R_M
UTE_N
HPOUT1R_VOL [5:0]
006Dh
R30 (1Eh) Line Outputs
Volume
0
0
0
0
0
0
0
0
0
LINEO
UT1N_
MUTE
LINEO
UT1P_
MUTE
LINEO
UT1_V
OL
0
LINEO
UT2N_
MUTE
LINEO
UT2P_
MUTE
LINEO
UT2_V
OL
0066h
R31 (1Fh) HPOUT2
Volume
0
0
0
0
0
0
0
0
0
0
HPOU
T2_MU
TE
HPOU
T2_VO
L
0
0
0
0
0020h
R32 (20h) Left OPGA
Volume
0
0
0
0
0
0
0
MIXOU
T_VU
MIXOU
TL_ZC
MIXOU
TL_MU
TE_N
MIXOUTL_VOL [5:0]
0079h
R33 (21h) Right OPGA
Volume
0
0
0
0
0
0
0
MIXOU
T_VU
MIXOU
TR_ZC
MIXOU
TR_MU
TE_N
MIXOUTR_VOL [5:0]
0079h
R34 (22h) SPKMIXL
Attenuation
0
0
0
0
0
0
0
0
0
0
MIXINL
_SPKM
IXL_V
OL
IN1LP_
SPKMI
XL_VO
L
MIXOU
TL_SP
KMIXL
_VOL
DACL_
SPKMI
XL_VO
L
SPKMIXL_VOL
[1:0]
0003h
R35 (23h) SPKMIXR
Attenuation
0
0
0
0
0
0
0
SPKO
UT_CL
ASSAB
_MOD
E
0
0
MIXIN
R_SPK
MIXR_
VOL
IN1RP
_SPKM
IXR_V
OL
MIXOU
TR_SP
KMIXR
_VOL
DACR_
SPKMI
XR_VO
L
SPKMIXR_VOL
[1:0]
0003h
R36 (24h) SPKOUT Mixers
0
0
0
0
0
0
0
0
0
0
IN2LP_
TO_SP
KOUTL
SPKMI
XL_TO
_SPKO
UTL
SPKMI
XR_TO
_SPKO
UTL
IN2LP_
TO_SP
KOUT
R
SPKMI
XL_TO
_SPKO
UTR
SPKMI
XR_TO
_SPKO
UTR
0011h
R37 (25h) ClassD3
0
0
0
0
0
0
0
0
0
0
SPKOUTL_BOOST [2:0] SPKOUTR_BOOST [2:0]
0000h
R38 (26h) Speaker Volume
Left
0
0
0
0
0
0
0
SPKO
UT_VU
SPKO
UTL_Z
C
SPKO
UTL_M
UTE_N
SPKOUTL_VOL [5:0]
0079h
R39 (27h) Speaker Volume
Right
0
0
0
0
0
0
0
SPKO
UT_VU
SPKO
UTR_Z
C
SPKO
UTR_M
UTE_N
SPKOUTR_VOL [5:0]
0079h
R40 (28h) Input Mixer2
0
0
0
0
0
0
0
0
IN2LP_
TO_IN
2L
IN2LN_
TO_IN
2L
IN1LP_
TO_IN
1L
IN1LN_
TO_IN
1L
IN2RP
_TO_I
N2R
IN2RN
_TO_I
N2R
IN1RP
_TO_I
N1R
IN1RN
_TO_I
N1R
0000h
R41 (29h) Input Mixer3
0
0
0
0
0
0
0
IN2L_T
O_MIXI
NL
IN2L_
MIXINL
_VOL
0
IN1L_T
O_MIXI
NL
IN1L_
MIXINL
_VOL
0
MIXOUTL_MIXINL_VOL
[2:0]
0000h
R42 (2Ah) Input Mixer4
0
0
0
0
0
0
0
IN2R_T
O_MIXI
NR
IN2R_
MIXIN
R_VOL
0
IN1R_T
O_MIXI
NR
IN1R_
MIXIN
R_VOL
0
MIXOUTR_MIXINR_VOL
[2:0]
0000h
R43 (2Bh) Input Mixer5
0
0
0
0
0
0
0
IN1LP_MIXINL_VOL
[2:0]
0
0
0
IN2LP_MIXINL_VOL
[2:0]
0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com