Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8993 Datasheet(PDF) 167 Page - Wolfson Microelectronics plc

Part # WM8993
Description  Audio Hub CODEC for Multimedia Phones
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8993 Datasheet(HTML) 167 Page - Wolfson Microelectronics plc

Back Button WM8993 Datasheet HTML 163Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 164Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 165Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 166Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 167Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 168Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 169Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 170Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 171Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 229 page
background image
Production Data
WM8993
w
PD, November 2010, Rev 4.0
167
REG
NAME
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DEFAULT
R108
(6Ch)
EQ11
EQ_B2_B [15:0]
F145h
R109
(6Dh)
EQ12
EQ_B2_C [15:0]
0B75h
R110
(6Eh)
EQ13
EQ_B2_PG [15:0]
01C5h
R111
(6Fh)
EQ14
EQ_B3_A [15:0]
1C58h
R112
(70h)
EQ15
EQ_B3_B [15:0]
F373h
R113
(71h)
EQ16
EQ_B3_C [15:0]
0A54h
R114
(72h)
EQ17
EQ_B3_PG [15:0]
0558h
R115
(73h)
EQ18
EQ_B4_A [15:0]
168Eh
R116
(74h)
EQ19
EQ_B4_B [15:0]
F829h
R117
(75h)
EQ20
EQ_B4_C [15:0]
07ADh
R118
(76h)
EQ21
EQ_B4_PG [15:0]
1103h
R119
(77h)
EQ22
EQ_B5_A [15:0]
0564h
R120
(78h)
EQ23
EQ_B5_B [15:0]
0559h
R121
(79h)
EQ24
EQ_B5_PG [15:0]
4000h
R122
(7Ah)
Digital Pulls
0
0
0
0
0
0
0
0
MCLK_
PU
MCLK_
PD
DACD
AT_PU
DACD
AT_PD
LRCLK
_PU
LRCLK
_PD
BCLK_
PU
BCLK_
PD
0000h
R123
(7Bh)
DRC Control 1
DRC_E
NA
DRC_D
AC_PA
TH
0
0
DRC_S
MOOT
H_ENA
DRC_
QR_EN
A
DRC_A
NTICLI
P_ENA
DRC_H
YST_E
NA
0
0
DRC_THRESH_
HYST [1:0]
DRC_MINGAIN
[1:0]
DRC_MAXGAIN
[1:0]
0F08h
R124
(7Ch)
DRC Control 2
DRC_ATTACK_RATE [3:0]
DRC_DECAY_RATE [3:0]
DRC_THRESH_COMP [5:0]
0
0
0000h
R125
(7Dh)
DRC Control 3
DRC_AMP_COMP [4:0]
DRC_R0_SLOPE_COM
P [2:0]
DRC_F
F_DEL
AY
0
0
0
DRC_THRESH_
QR [1:0]
DRC_RATE_QR
[1:0]
0080h
R126
(7Eh)
DRC Control 4
DRC_R1_SLOPE_COM
P [2:0]
DRC_STARTUP_GAIN [4:0]
0
0
0
0
0
0
0
0
0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com