Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9072AB Datasheet(PDF) 40 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 40 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 36Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 37Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 38Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 39Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 40Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 41Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 42Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 43Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 44Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 275 page
background image
MT9072
Data Sheet
40
Zarlink Semiconductor Inc.
3.0
PCM24 Interface (T1)
3.1
T1 Interface to the System Backplane
PCM24 (T1) basic frames are 193 bits long and are transmitted at a frame repetition rate of 8000 Hz, which results
in an aggregate bit rate of 193 bits x 8000/sec =1.544 Mbits/sec. Basic frames are divided into 24 channels
numbered 1 to 24 and a framing bit; see Figure 4. Each timeslot is 8 bits in length and is transmitted most
significant bit first (numbered bit 1). This results in a single channel data rate of 8 bits x 8000/sec. = 64 kbit/s.
Figure 4 - PCM24 Link Frame Format (T1)
It should be noted that the Zarlink ST-BUS has 32 channels numbered 0 to 31 and the most significant bit of an
eight bit channel is numbered bit 7, see Figure 5. Therefore, ST-BUS bit 7 is synonymous with DS0 bit 1; bit 6 with
bit 2 and so on. See Zarlink Application note MSAN-126 for more details on the ST-BUS.
Figure 5 - ST-BUS Format
In the case of mapping ST-BUS to the PCM24 payload, only the first 24 channels and the last channel (31) of an
ST-BUS are used (see Table 1). Timeslot 31 S-bit is only used if TXSYNC bit Y00 is set. All unused channels are
tristate.
DS1 FRAME
(8/1.544) us
CHANNEL
1
BIT 1
BIT 2
BIT 3
BIT 4
BIT 5
BIT 6
BIT 7
BIT 8
CHANNEL
24
CHANNEL
23
CHANNEL
1
S
BIT
S
BIT
CHANNEL
24
125 us
(1/1.544) us
• • • • • • • • •
CHANNEL
31 or 127
0
30 or 126
BIT
CHANNEL
CHANNEL
CHANNEL
CHANNEL
31 or 127
0
BIT
BIT
BIT
BIT
BIT
BIT
BIT
• • •
Least
Significant
Bit (Last)
Most
Significant
Bit (First)
125
µs
76
5
4
3
2
1
0
(8/2.048 or 8/8.192)
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com