Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9072AB Datasheet(PDF) 1 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 1 Page - Zarlink Semiconductor Inc

  MT9072AB Datasheet HTML 1Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 2Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 3Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 4Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 5Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 6Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 7Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 8Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 275 page
background image
1
Zarlink Semiconductor Inc.
Zarlink, ZL and the Zarlink Semiconductor logo are trademarks of Zarlink Semiconductor Inc.
Copyright 2004, Zarlink Semiconductor Inc. All Rights Reserved.
Features
•
Eight fully independent, T1/E1/J1 framers
•
3.3 V supply with 5 V tolerant inputs
•
Selectable 2.048 Mbit/s or 8.192 Mbit/s serial
buses for both data and signaling
•
Framing Modes:
- T1: D4, ESF, T1DM
- E1: Basic Framing, CRC4 multiframing and
Signaling Multiframing
•
Supports Inverse Mux for ATM
•
Timeslot assignable HDLC
•
IEEE-1149.1 (JTAG) test port
Applications
•
T1/E1/J1 add/drop multiplexers
•
V5.1 and V5.2 access network interfaces
•
CO and PBX equipment interfaces
•
Primary rate IDSN nodes
•
Digital Cross-connect Systems (DCS)
•
Wireless base stations
Description
The MT9072 is a multi-port T1/E1/J1 framing device
that integrates eight fully independent, feature rich
framers. The device is software selectable between T1,
E1 or J1 modes and meets the latest relevant
recommendations and standards from Telcordia, ANSI,
ETSI and ITU-T. An extensive suite of features make
the MT9072 very flexible and suitable for a wide variety
of applications around the globe.
October 2004
Ordering Information
MT9072AB
208 Pin LQFP
MT9072AV
220 Pin LBGA
-40
°C to +85°C
MT9072
Octal T1/E1/J1 Framer
Data Sheet
Figure 1 - Block Diagram
Microprocessor Interface
RW CS
DS
IRQ
D15~D0 A11~A0
IM
ST-BUS
Interface
CAS
Buffer
ST-BUS
Payload
National
Alarm Detection, 2 Frame Slip Buffer
ST-BUS
Interface
TPOS[0]
RPOS[0]
CSTi [0]
DSTi [0]
CSTo[0]
DSTo[0]
EXCLi[0]
RNEG[0]
TNEG[0]
Bit Buffer
CKi[0]
RxMF[0]
TxCL [0]
Transmit Framing, Error and
Test Signal Generation
Data Link
Receive Framing, Performance Monitoring,
RxDLC[0]
TxDLC[0]
RxBF[0]
RxDL[0]
TxDL[0]
FPi[0]
ST-BUS
Circuit
Timing
RESET
VDD VSS
FRAMER 0
FRAMER 1
Common Control and Power
TAIS
TDI TDO TMS TCK TRST
IEEE 1149.1 TAP
T1-3
Remote
TxMF
FRAMER 2
FRAMER 3
FRAMER 4
FRAMER 5
FRAMER 6
FRAMER 7
Loopback
Loopback
Loopback
Digital
Loopback


Similar Part No. - MT9072AB

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT907-PRSS MARKTECH-MT907-PRSS Datasheet
106Kb / 1P
Visible Light Emitting Diode
logo
Mitel Networks Corporat...
MT90710 MITEL-MT90710 Datasheet
113Kb / 12P
High-Speed Isochronous Multiplexer
MT90710AP MITEL-MT90710AP Datasheet
113Kb / 12P
High-Speed Isochronous Multiplexer
MT90732 MITEL-MT90732 Datasheet
61Kb / 8P
CMOS E2/E3 Framer (E2/E3F)
MT90732AP MITEL-MT90732AP Datasheet
61Kb / 8P
CMOS E2/E3 Framer (E2/E3F)
More results

Similar Description - MT9072AB

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS26401 DALLAS-DS26401 Datasheet
1Mb / 309P
Octal T1/E1/J1 Framer
logo
Integrated Device Techn...
IDT82V2108 IDT-IDT82V2108 Datasheet
1Mb / 272P
T1 / E1 / J1 OCTAL FRAMER
logo
Exar Corporation
XRT84L38 EXAR-XRT84L38 Datasheet
4Mb / 451P
OCTAL T1/E1/J1 FRAMER
XRT86VL38 EXAR-XRT86VL38 Datasheet
2Mb / 180P
OCTAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT84L38 EXAR-XRT84L38_06 Datasheet
5Mb / 453P
OCTAL T1/E1/J1 FRAMER
XRT86VL38 EXAR-XRT86VL38_07 Datasheet
2Mb / 183P
OCTAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL38 EXAR-XRT86VL38_1 Datasheet
1Mb / 66P
OCTAL T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
XRT86VL38 EXAR-XRT86VL38_2 Datasheet
2Mb / 160P
OCTAL T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
XRT86VX38IB329-F EXAR-XRT86VX38IB329-F Datasheet
382Kb / 61P
OCTAL T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
logo
Renesas Technology Corp
IDT82V2108 RENESAS-IDT82V2108 Datasheet
1Mb / 293P
T1 / E1 / J1 Octal Framer
November 26, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com