Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9072AB Datasheet(PDF) 25 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 25 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 21Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 22Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 23Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 24Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 25Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 26Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 27Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 28Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 29Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 275 page
background image
MT9072
Data Sheet
25
Zarlink Semiconductor Inc.
6
26
46
66
86
106
126
146
D4
J2
N4
P6
P12
P14
K16
E14
TPOS[0]
TPOS[1]
TPOS[2]
TPOS[3]
TPOS[4]
TPOS[5]
TPOS[6]
TPOS[7]
O
Transmit Positive. This pin is an output for the transmit side of the
framer; it typically interfaces to an LIU. If used by itself it can provide
single rail NRZ (Non Return to Zero) data. If TPOS is used in
conjunction with TNEG it can provide dual rail NRZ data or dual rail RZ
(Return to Zero) data. The clock at the TXCL pin is used to clock data
out of the TPOS pin. Pins TPOS[0-7] are used for Framers[0-7]
respectively.
In T1 mode, line codes are selected with control bits: TZCS2-0, TPDV,
TXB8ZS, RZNRZ and UNIBI (Address Y01). T1 mode is selected if the
T1E0 bit (Address 900) is 1.
In E1 mode, line codes are selected with control bits: COD0-1 and
THDB3 (Address Y02). E1 mode is selected if the T1E0 bit (Address
900) is 0.
7
27
47
67
87
107
127
147
E1
J3
P1
P7
R9
P15
J13
E15
TNEG[0]
TNEG[1]
TNEG[2]
TNEG[3]
TNEG[4]
TNEG[5]
TNEG[6]
TNEG[7]
O
Transmit Negative. This pin is an output for the transmit side of the
framer; it typically interfaces to an LIU. TNEG is used in conjunction
with TPOS to provide dual rail NRZ (Non Return to Zero) data or dual
rail RZ (Return to Zero) data. The clock at the TXCL pin is used to
clock data out of the TNEG pin. Pins TNEG[0-7] are used for
Framers[0-7] respectively.
In T1 mode, line codes are selected with control bits: TZCS2-0, TPDV,
TXB8ZS, RZNRZ and UNIBI (Address Y01). T1 mode is selected if the
T1E0 bit (Address 900) is 1.
In E1 mode, line codes are selected with control bits: COD0-1 and
THDB3 (Address Y02). E1 mode is selected if the T1E0 bit (Address
900) is 0.
8
28
48
68
88
108
132
148
E2
J4
P2
P8
R10
P16
J14
E16
TXCL[0]
TXCL[1]
TXCL[2]
TXCL[3]
TXCL[4]
TXCL[5]
TXCL[6]
TXCL[7]
IO 1.544/2.048 MHz Transmit Clock. This pin accepts/outputs a clock
that is used to clock data out of the transmit side of the framer on pins
TPOS and TNEG. If TPOS/TNEG are configured for RZ output then
the rising edge of the clock is used to clock TPOS/TNEG data. If
TPOS/TNEG are configured for NRZ output then either a rising or
falling TxCL edge can be selected to clock TPOS/TNEG data. Pins
TxCL[0-7] are used for Framers[0-7] respectively.
In T1 mode this pin is an input. The 1.544 MHz transmit clock is
typically provided by an external PLL (Phase Lock Loop) or LIU. An
active rising or falling edge is selected with the CLKE bit (Address
Y01). See Figure 52.
In E1 mode this pin is an output. The 2.048 MHz transmit clock is
synchronous with the 4.096 MHz ST-BUS clock input to pin CKi. An
active rising or falling edge is selected with the T2OP bit (Address
Y02). See Figure 71.
Pin Description (continued)
Pin #
Name
Type
Description (see Notes 1 to 7)
LQFP
LBGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com