Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9072AB Datasheet(PDF) 47 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 47 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 43Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 44Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 45Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 46Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 47Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 48Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 49Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 50Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 51Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 275 page
background image
MT9072
Data Sheet
47
Zarlink Semiconductor Inc.
5.1.3
T1 T1DM Framing
The Ft and Fs bits are identical to the D4 format, channel 24 of each frame has a synchronization byte consisting of
10111YR0.
Y is used to indicate a yellow alarm and is active low. R bit is reserved by AT&T as an 8 Kb/s communication
channel.
The synchronization is first declared if the Ft bit is in sync and subsequently 6 consecutive T1DM synchronization
bytes are received. The synchronization error criteria for the receiver will be the same as D4 (i.e., 2 out of 4, 5 or 6).
Although an error is detected if any of 5 synchronization bits or the Ft/Fs bits are incorrect.The OOF error selection
criteria of 2 errors out of 4, 5, 6 bits is also applicable to the T1DM sync byte format; the error criteria applies to the
synchronization byte and the framing bit. The received sync byte can be monitored by the status register(Y10). The
Y bit an be sent by writing to control register (address Y02). The TIDMR bit can only be input from the Transmit
Data Link Pin. The registers and bits used for T1DM are indicated in the register bit functions.
5.1.4
T1 G.802 Mode
G.802 mode allows interworking between an E1 and T1 system. The line is operating in T1 mode and the
backplane consists of E1 data. The mapping for the backplane channels to the PCM24 side is as shown Table 10.
The 193 bits from the E1 backplane stream are mapped to the 193 bits of the PCM24 side. The channel 0 and
channel 16 on the backplane side are the G.704 Timeslot 0 and 16 channels and are not mapped.
80
9X
10
CB3
11
X
12
1
B
13
X
14
CB4
15
X
16
0
17
X
18
CB5
C
19
X
20
1
21
X
22
CB6
23
X
24
1
D
Frame #
FPS
FDL
CRC
Signaling
Table 9 - ESF Superframe Structure (T1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com