Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9072AB Datasheet(PDF) 7 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 7 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 3Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 4Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 5Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 6Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 7Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 8Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 9Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 10Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 11Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 275 page
background image
MT9072
Data Sheet
7
Zarlink Semiconductor Inc.
Channel Associated Signaling
• ABCD or AB bits can be automatically inserted and extracted
• Transmit ABCD or AB bits can be passed via the microport or via the CSTi pin
• Receive ABCD or AB bits are accessible via the microport or via the CSTo pin
• Unused nibble positions in the CSTi/CSTo bandwidth are tri-stated
• An interrupt is provided in the event of changes in any of the signaling bits
• Receive signaling bits are frozen if digital loss of signal or loss of multiframe alignment is declared
T1/J1 Mode
E1 Mode
•
Signaling bits can be debounced by 6 ms
•
Robbed bit or clear channel signaling are
selected on a channel by channel basis
•
Signaling interrupts period can be selected: 1,
4 or 8 msec
•
Signaling bits can be debounced by 14 ms
•
Signaling interupt period can be selected 1, 4
or 8 msec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com