Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9072AB Datasheet(PDF) 96 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 96 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 92Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 93Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 94Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 95Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 96Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 97Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 98Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 99Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 100Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 275 page
background image
MT9072
Data Sheet
96
Zarlink Semiconductor Inc.
15.0
Interrupts
The MT9072 has an extensive suite of interrupts consisting of 2 maskable interrupt vectors and 32 maskable
interrupt status registers as shown in Figure 9 and an ST-BUS Analyzer Interrupt. The set bits in the 2 interrupt
vectors identify which of the 32 interrupt status registers is responsible for the interrupt. Reading the corresponding
interrupt status registers identifies the exact source of the interrupt. Any set bit in the interrupt vectors causes the
IRQ pin to toggle low (providing the SPND bit is not set).
Figure 9 - Interrupt Status Registers
F
R
A
M
E
R
1
Elastic
Interrupt
Status
Register
036
Rx Sync
Interrupt
Status
Register
034
Rx Line
Status
Register
035
Elastic
Store
Mask
Status
046
Rx Sync
Mask
Status
Register
044
RX Line
Mask
Status
Register
045
Framer 0 Master LatchStatus
Registers 023 - 026
FRAMER 0
INTA
SPND
F
R
A
M
E
R
2
F
R
A
M
E
R
3
F
R
A
M
E
R
5
F
R
A
M
E
R
6
F
R
A
M
E
R
7
F
R
A
M
E
R
4
4
Interrupt Vector 1
Status Register Address 910
Interrupt Vector 1
Mask Register Address 902
4
4
4
4
4
4
4
4
4
4
4
IRQ
Pin
Interrupt Vector 1
Interrupt Vector 2
Status Register Address 911
Interrupt Vector 2
Mask Register Address 903
Interrupt Vector 2
IRQ 1
IRQ 2
HDLC
Status
Register
033
HDLC
Mask
Status
Register
043
ST-BUS
Analyser
Interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com