Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9072AB Datasheet(PDF) 80 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 80 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 76Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 77Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 78Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 79Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 80Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 81Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 82Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 83Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 84Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 275 page
background image
MT9072
Data Sheet
80
Zarlink Semiconductor Inc.
Transmit Error
Insertion
All error insertion controls are
disabled.
L32Z,BPVE,CRCE,FTE,FSE,LOSE,PER
R = 0
Y03
Signaling
All signaling freeze and debounce
functions are disabled and the
transmit signaling type is set such that
A in frame 6 and B in frame 12.
Robbed bit signaling is turned on for
transmitter and receiver.
CSIGEN,RBEN,TSDB,RSDB,RFL,SM1-0
,SIP1-0= hex 200
Y04
Loopbacks
All loopbacks deactivated; ready to
send receive framed in band loopback
codes.
DLBK,RLBK,STLBK,PLBK,TLU,
TLD = 0
Y05
Data Link
Data Link is deactivated, hence bit
oriented message, and HDLC are
also disabled.
#,#,#,#,HCH4:0,HPAYSEL,E1.5CK,
DLCK,EDLEN,BOMEN,HDLCEN,H1R6
4 = 0
Y06
Bit Oriented
Message
Registers
The Transmit Bit oriented message
register and Receive Bit oriented
Match register are cleared.
TxBOM7:0,
RXBOMM7:0 = 0
Y07-Y08
In band loopback
activation codes
The transmit and expected receive
inband loopback codes are set to
T1.403 defaults.
TXLACL1-0,TXLAC7-0 = binary00
00000001
TXLDCL1-0,TXLDC7-0 = binary 01
00001001
RXLACL1-0,RXLACM7-0 =
binary00 00000001
RXLDCL1-0,RXLDCM7-0 =
binary 01 00001001
Y0D-Y0F
YF0
Interrupts and IO
Control
All interrupts are suspended and
CSTO and DSTo enables are off
Tx8KEN,RXDO,TXMFSEL,
SPND,INTA,DSToEN,CSToEN,RxCO,C
NTCLR,SAMPLE,RST = 0
YF1
Latched Status All latched status bits are cleared
Y10-Y2F
Per Channel
Control
Per Channel inversion, Remote
timeslot loopback, local timeslot
loopback,transmit test, receive test,
Clear channel, Receive freeze,
transmit freeze are all turned off
RPCI,MPDR,MPST,TCPI,RTSL,LTSL,TT
ST,RRST,MPDT,CC=0
Y90-YAF
Interrupts Masks
and status
Registers
All interrupts are unmasked.
Receive Sync and Alarm status & Mask,
Counter statusMask, Receive Line Status
Mask, Elastic store status mask and
HDLC Status Mask = 0
Y43 TO
Y46
Function
Status
Control Bits Reset Value
Register
Address
Table 36 - Reset Status (T1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com