Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9072AB Datasheet(PDF) 95 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 95 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 91Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 92Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 93Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 94Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 95Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 96Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 97Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 98Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 99Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 275 page
background image
MT9072
Data Sheet
95
Zarlink Semiconductor Inc.
14.2.6
E1 Alarms
The alarms shown in Table 49 are detected by the receiver. The status register bits provide real time status of the
alarm, while the latched status registers provide a latched status indication, and the interrupt status registers
provide a latched status indication (if unmasked) which generate a maskable interrupt and which are cleared when
read. The persistent status registers provide latched status indication which is only cleared when read while the real
time status bit is not set. See the register bit descriptions for additional details.
14.2.7
E1 Automatic Alarms
The transmission of RAI and signaling multiframe alarms can be made to function automatically from control bits
ARAI and AUTY (register address Y00). When ARAI = 0 and basic frame synchronization is lost (BSYNC = 1
address Y10), the MT9072 will automatically transmit the RAI alarm signal to the far end of the link. The
transmission of this alarm signal will cease when basic frame alignment is acquired.
When AUTY = 0 and signaling multiframe alignment is not acquired (MSYNC = 1 address Y10), the MT9072 will
automatically transmit the multiframe alarm (Y-bit) signal to the far end of the link. This transmission will cease
when signaling multiframe alignment is acquired.
Description
Status
Register
Latched Status
Register
Interrupt Status
Register
Persistent Status
Register
Bit
Add.
Bit
Add.
Bit
Add.
Bit
Add.
Remote Alarm Indication
RAI
Y12
RAIL
Y24
RAII
Y34
RAIP
Y27
Alarm Indication Signal
AIS
Y12
AISL
Y24
AISI
Y34
AISP
Y27
Alarm Indication Signal 100ms
KLVE
Y12
Channel 16 Alarm Indication
Signal
AIS16
Y12
AIS16L
Y24
AIS16I
Y34
Auxiliary Pattern
AUXP
Y12
AUXPL
Y24
AUXPI
Y34
Loss of Signal
LOSS
Y12
LOSSL
Y24
LOSSI
Y34
LOSSP
Y27
Remote signaling Multiframe
Alarm
Y
Y12
YL
Y24
YI
Y34
T1 Timer
T1
Y11
T1L
Y26
T1I
Y36
T2 Timer
T2
Y11
T2L
Y26
T2I
Y36
Table 49 - Alarms and Timers Status Registers (E1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com