Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9072AB Datasheet(PDF) 8 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 8 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 4Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 5Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 6Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 7Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 8Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 9Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 10Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 11Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 12Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 275 page
background image
MT9072
Data Sheet
8
Zarlink Semiconductor Inc.
Alarms
T1/J1 Mode
E1 Mode
Yellow Alarm
D4 mode, two types:
1. Bit position 2 is zero for virtually every DS0
over 48ms
2. Two consecutive ones in the S-bit position of
the twelfth frame
ESF mode, two types:
3. Reception of 0000000011111111 in eight or
more codewords out of ten (T1)
4. Reception of 1111111111111111 in eight or
more codewords out of ten (J1)
T1DM mode :
Bit 2 of the T1DM synchronization byte is 0
Alarm Indication Signal (AIS)
•
Declared if fewer than six zeros are detected
during a 3 ms interval
Loss Of Signal (LOS)
•
Loss Of Signal is declared if 192 or 32
consecutive zeros are received
Remote Alarm Indication (RAI)
•
Bit 3 of the receive NFAS
Alarm Indication Signal (AIS)
•
Unframed all ones signal for at least a double
frame or two double frames
Timeslot 16 Alarm Indication Signal
•
All ones signal in timeslot 16
Loss Of Signal (LOS)
•
Loss Of Signal is declared if 192 or 32
consecutive zeros are received
Remote Signaling Multiframe Alarm
•
Y-bit of the multiframe alignment signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com