Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9072AB Datasheet(PDF) 79 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 79 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 75Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 76Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 77Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 78Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 79Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 80Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 81Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 82Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 83Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 275 page
background image
MT9072
Data Sheet
79
Zarlink Semiconductor Inc.
10.1.4
Signaling Multiframe Boundary (RxMF, TxMF Pins)
Dedicated multiframe boundary pins are included which provide the user the option of setting the multiframe
boundaries and identifying the multiframe boundaries with an external device. Refer to the RxMF and TxMF pin
descriptions.
10.1.5
Control Pins
10.1.5.1
Reset Operation (RESET Pin, RST Bit and RSTC Bit)
The MT9072 can be reset using the hardware RESET pin or the software reset bits: RST (register address YF1)
and RSTC (address 900). The RST bit resets a particular framer and the RSTC bit is a global software reset bit.
On initial power up, a hard reset must be done using the RESET pin. A valid reset condition requires both of these
inputs to be held low for a minimum of 100 ns. These inputs should be set to zero during initial power up, then set to
one.
After initial power up, the MT9072 can be reset using the hardware RESET pin or the software reset bit RSTC
(register address 900). When the device emerges from its reset state, it will begin to function in T1 mode and the
control registers will be initialized as described in Table 36. Clearing the T1E0 bit in register 900 to place the
MT9072 in E1 mode will cause another internal reset and the control registers will be initialized to their E1 defaults
as described in Table 37. In addition, individual framers may be reset with the software reset bit RST. Using the
RST will reset the individual framer to its default E1 or T1 setting. RST will not affect the common control register
(9xx). All reset operations take 1 full frame (125 us) to complete. Refer to the RESET pin description, RSTC and
RST bit descriptions for additional details.
Register
Address
Register
Description
Y00
Framing Mode Select
Setting the IMA bit will cause the framer to enter IMA mode.
Y06
HDLC & Datalink Control
E1.5CK bit must be set to provide a 1.544 MHz clock on
RXDLC.
Table 35 - Registers Related to IMA Mode
Function
Status
Control Bits Reset Value
Register
Address
Framing Mode
Mode D4,Reframe criteria is set for 2
bits errors in 4 bits,Fs bit is not
included in the synchronization
criteria, S-bit not included in CRC
calculation. The elastic stores are not
bypassed.
RELBY,TELBY,TRANSP,T1DM,ESF,SLC
96,CXC,RS10,FSI,ReFR,MFReFR,JTS,T
XSYNC =0
Y00
Line Coding and
Interface
The T1 interfaces are set to NRZ,
Bipolar,and Rising edge of clocks for
output and falling for input line
clocks.TxB8ZS and RxB8ZS and
Transmit PDV enforcer is turned off.
RZCS1:0,TZCS2:0TPDV,TXB8ZS,RXB8
ZS,ADSEQ,RZNRZ,UNIBI,CLKE = 0
Y01
Transmit Alarms All sending alarms are deactivated.
TESFYEL,TXSECY,TD4YEL,TAIS,
#,T1DMY,D4SECY,SO = 14
Y02
Table 36 - Reset Status (T1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com