Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9072AB Datasheet(PDF) 57 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 57 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 53Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 54Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 55Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 56Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 57Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 58Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 59Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 60Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 61Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 275 page
background image
MT9072
Data Sheet
57
Zarlink Semiconductor Inc.
6.1
Transmit Elastic Buffer
In T1 mode, the MT9072 contains a transmit elastic buffer in addition to the receive elastic buffer. Data is clocked
into the transmit elastic buffer by the 2.048 Mbit/s or 8.192 Mbit/s ST-BUS clock (which is subsequently divided to a
2.048 MHz clock). The data is clocked out of the transmit elastic buffer by the 1.544 MHz clock input to the TXCL
pin.
The delay through the transmit elastic buffer will vary in accordance with the position of the channel in the frame.
For example, PCM24 channel 1 sits in the elastic buffer for approximately 1 usec, and PCM24 channel 24 sits in the
elastic buffer for approximately 32 usec. The relative phase delay between the system ST-BUS frame boundary
and the transmit elastic frame read boundary is measured every frame and reported in the Transmit Slip Buffer
Status Word (Y14). In addition, the relative delay between these frame boundaries may be programmed by writing
to Tx Set Delay Bits (register address YF7). Every write to the TX Set Delay Bits resets the Transmit Slip Buffer
MSB bit TxSBMSB (register address Y14). After a write, the delay through the slip buffer is less than 1 frame in
duration. Each write operation will result in a disturbance of the transmit PCM24 frame boundary, causing the far
end to go out of sync.
The transmit elastic buffer is capable of performing controlled slips in a manner similar to the receive elastic buffer.
Slips on the transmit side are independent of slips on the receive side. The two status bits. TSLIP and TSLPD
(register address Y14), give indication of a slip occurrence and direction. TSLP changes state in the event of a slip.
If TSLPD=0, the slip buffer has overflowed and a frame was lost; if TSLPD=1, an underflow condition occurred and
a frame was repeated. A maskable interrupt status bit TXSLIPI (register address Y36) is also provided. Under
normal operation no slips should occur in the transmit path. Slips will only occur if the input CKi clock has excess
wander relative to the input TXCL clock, or if the TX Set Delay Bits (register address YF7) register is initialized too
close to the slip pointers after system initialization.
7.0
Data Link
7.1
T1 Data Link
The ESF protocol allows for carrier messages to be embedded in the S-bit position. The MT9072 provides 3
separate means of controlling the Data Link.
• Transmit and receive Data Link pins TxDL, TxDLC, RxDL and RxDLC.
• Bit - Oriented Messages may be transmit and received via dedicated transmit and receive
registers(Y07,Y08,Y12). This is only applicable in the ESF mode.
• The ESF Data Link (DL) can be connected to an internal HDLC, operating at a bit rate of 4 kbits/sec. The
HDLC can be activated by setting the control bit 1(HDLCEn) of the HDLC & Data Link Control Word (Y06).
In the D4 mode the Fs bits can be inserted/extracted from the Data Link pins by setting the EDLEN bit in Y06. The
registers related to the Data Link are shown in Table 16.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com