Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9072AB Datasheet(PDF) 87 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 87 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 83Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 84Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 85Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 86Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 87Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 88Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 89Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 90Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 91Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 275 page
background image
MT9072
Data Sheet
87
Zarlink Semiconductor Inc.
13.0
Performance Monitoring
13.1
T1 Error Counters
The MT9072 has nine error counters for each framer, which can be used for maintenance testing and ongoing
measurement of the quality of a DS1 link and to assist the designer in meeting specifications such as TR62411 and
T1.403. All counters can be preset or cleared by writing to the appropriate counter registers.
Associated with each counter is a maskable event occurrence interrupt and a maskable counter overflow interrupt.
Overflow interrupts are useful when cumulative error counts are being recorded. For example, every time the
framing bit error counter overflow interrupt (FEO) occurs, 65536 frame errors have been received since the last
FEO interrupt. Also if a counter overflows, the overflow indicators are latched in the Overflow reporting latch
register(Y24).
All counters are cleared by a counter clear bit -CNTCLR - low to high transition (bit 2 of the IO Control Word, YF1).
An alternative approach to event reporting is to mask error events and to enable the 1 second sample bit (SAMPLE
- bit 1 of the Interrupt and IO Control Word). When this bit is set the latched version of the counters(Y28 to Y2C) for
change of frame alignment, loss of frame alignment, bpv errors, crc errors, errored framing bits, and multiframes out
of sync are updated on one second intervals coincident with the maskable one second interrupt timer.
.
Counter
Interrupt Status Bits
1 Second Latch
Description
Bits
Address Indication
Overflow
Description
Bit
Address
PRBS Error Counter
and CRC Multiframe
counter for PRBS
PS7-0,
PSM7-0
Y15
PRBSI
PRBSOI
PRBSMFOI
NA
NA
NA
Multiframe Out of
Frame Counter
MFOOF
7-0
Y16
MFOOFI
MFOOFOI Multiframe Out of
Frame Count Latch
MFOO
FL15-0
Y2C
Framing Bit Error
Counter
FC15-0
Y17
FBEI
FEOI
Framing Bit Error
Counter Latch
FCL15-
0
Y28
BPV Counter
BPV15-0
Y18
BPVI
BPVOI
Bipolar Violation
Count Latch
BPVL
15-0
Y29
CRC-6 Error counter
CC15-0
Y19
CRCI
CRCOI
CRC-6 Error Count
Latch
CRCL
15-0
Y2A
Out of frame counter,
change of frame
alignment counter
OOF7-0,
COFA7-0
Y1A
OOFOI
COFAI
OOFOI
COFOIL
Out of Frame, Change
of Frame Alignment
Count Latch
OOFL
7-0
COFAL
7-0
Y2B
Excessive Zero
counter
EXZ7-0,
Y1B
EXZI
EXZOL
NA
NA
NA
Table 41 - Error Counters Summary (T1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com