Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9072AB Datasheet(PDF) 45 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 45 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 41Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 42Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 43Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 44Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 45Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 46Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 47Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 48Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 49Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 275 page
background image
MT9072
Data Sheet
45
Zarlink Semiconductor Inc.
5.0
Framing
5.1
T1 Framing
DS1 trunks contain 24 bytes of serial voice/data channels bundled with an overhead bit - the S-bit. The S-bit
contains a fixed repeating pattern used to enable DS1 receivers to delineate frame boundaries. S-bits are inserted
once per frame at the beginning of the transmit frame boundary. The DS1 frames are further grouped in bundles of
frames, generally 12 (for D4 applications) or 24 frames deep (for ESF - extended superframe applications). The
registers for controlling and observing the framing algorithms are presented in the Table 7.
Register
Address
Register
Description
Y00
Framing Mode Select
This register is used for selecting the different framing modes
from ESF to D4 or T1DM. The register is also used for selecting
reframe criteria.
Y10
Synchronization and Alarm
Status Word.
This register provides the real time status of the receive framing
algorithm as to basic frame synchronization and multiframe
synchronization.
Y16
MFOOF Counter
This status register increments every 1.5 msec for D4 mode or
every 3 msec for ESF mode when the basic frame
synchronization is lost.
Y17
Framing Bit Error Counter
This counter counts the Ft errors in ESF mode and Ft+Fs error in
D4 and T1DM.
Y19
CRC-6 Error Counter
This counter counts the CRC-6 errors by comparing the
calculated CRC-6 with the CRC-6 bits in the ESF frame.
Y1A
Out of Frame Counter and
Change of Frame Counter
The out of frame counter is incremeted with every loss of receive
frame synchronization. The change of frame counter is
incremented with every shift in the frame alignment position.
Y24
Receive Sync and Alarm Latch
This register contains latched bits for events related to framing
such as framing bit errors.
Y28
Framing Bit Error Count Latch
This counter is a latched version of Y17, the value of this counter
is updated every 1 sec.
Y2A
CRC-6 Error Counter Latch
This counter is a latched version of Y19, the value of this counter
is updated ever 1 sec.
Y2B
Out of Frame Counter Latch and
Change of Frame Counter Latch
This counter is a latched version of Y19, the value of this counter
is updated ever 1 sec.
Y2C
MFOOF Counter Latch
This counter is a latched version of Y16, the value of this counter
is updated ever 1 sec.
Y34
Receive Sync Interrupt Status
Register
This register captures interrupt events related to the receiver
framer such as Framing Bit error. Interrupts can be generated by
setting appropriate masks.
Y44
Receive Sync Interrupt Status
Register Mask
This mask corresponds to the Y34 status register. Writing a “0”
unmasks an interrupt.
Table 7 - Registers Related to Framing Mode for the MT9072 (T1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com