Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9072AB Datasheet(PDF) 24 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 24 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 20Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 21Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 22Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 23Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 24Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 25Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 26Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 27Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 28Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 275 page
background image
MT9072
Data Sheet
24
Zarlink Semiconductor Inc.
Pin Description
Pin #
Name
Type
Description (see Notes 1 to 7)
LQFP
LBGA
1,21,41,61,
81,101,121,
141,161,
179
E7,E8,E9,
E10,E11,
M7,M8,M9,
M10,M11
VSS
P
Ground. 0VDC.
2,22,42,62,
82,102,122,
142,162,18
0
G5,H5,J5,
K5,L5,G12,
H12J12,K1
2,L12
VDD
P
Supply Voltage. +3.3 VDC nominal.
3
23
43
63
83
103
123
143
D1
H3
N1
N7
P9
R15
K13
F15
RPOS[0]
RPOS[1]
RPOS[2]
RPOS[3]
RPOS[4]
RPOS[5]
RPOS[6]
RPOS[7]
I
Receive Positive. This pin is an input for the receive side of the
framer; it typically interfaces to an LIU. If used by itself it can accept
single rail NRZ (Non Return to Zero) data. If RPOS is used in
conjunction with RNEG it can accept dual rail NRZ data or dual rail RZ
(Return to Zero) data. The clock at the EXCLi pin is used to clock data
into the RPOS pin. Pins RPOS[0-7] are used for Framers[0-7]
respectively.
In T1 mode, transmit line codes are selected with control bits:
RZCS1-0, RXB8ZS, RZNRZ and UNIBI (Address Y01). T1 mode is
selected if the T1E0 bit (Address 900) is 1.
In E1 mode, line codes are selected with control bits: COD0-1 and
RHDB3 at (Address Y02). E1 mode is selected if the T1E0 bit
(Address 900) is 0.
4
24
44
64
84
104
124
144
D2
H4
N2
N8
P10
R16
K14
F16
RNEG[0]
RNEG[1]
RNEG[2]
RNEG[3]
RNEG[4]
RNEG[5]
RNEG[6]
RNEG[7]
I
Receive Negative. This pin is an input for the receive side of the
framer; it typically interfaces to an LIU. RNEG is used in conjunction
with RPOS to accept dual rail NRZ (Non Return to Zero) data or dual
rail RZ (Return to Zero) data. The clock at the EXCLi pin is used to
clock data into the RNEG pin. Pins RNEG[0-7] are used for
Framers[0-7] respectively.
In T1 mode, receive line codes are selected with control bits:
RZCS1-0, RXB8ZS, RZNRZ and UNIBI at (Address Y01). T1 mode is
selected if the T1E0 bit (Address 900) is 1.
In E1 mode, line codes are selected with control bits: COD0-1 and
RHDB3 at (Address Y02). E1 mode is selected if the T1E0 bit
(Address 900) is 0.
5
25
45
65
85
105
125
145
D3
J1
N3
P5
P11
P13
K15
E13
EXCLi(0)
EXCLi(1)
EXCLi(2)
EXCLi(3)
EXCLi(4)
EXCLi(5)
EXCLi(6)
EXCLi(7)
I
1.544/2.048 MHz Extracted Clock. The rising edge of the clock
applied at this input is used to clock RZ data into the receive side of
the framer on pins RPOS and RNEG. If RPOS/RNEG are configured
for NRZ input then either a rising or falling edge on the EXCLi clock
can be selected to clock RPOS/RNEG data. Pins EXCLi[0-7] are used
for Framers[0-7] respectively.
In T1 mode, this pin accepts a 1.544 MHz extracted clock. An active
rising or falling edge is selected with the CLKE bit (Address Y01). See
Figure 53.
In E1 mode, this pin accepts a 2.048 MHz extracted clock. An active
rising or falling edge is selected with the CLKE bit (Address Y02). See
Figure 73.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com