Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9072AB Datasheet(PDF) 41 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 41 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 37Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 38Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 39Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 40Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 41Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 42Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 43Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 44Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 45Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 275 page
background image
MT9072
Data Sheet
41
Zarlink Semiconductor Inc.
The relationship between DSTi/CSTi and the voice channels in 8.192 Mbit/s mode is shown in Table 2 (F01-F7 refer
to the Framer numbers). There are 2 multiplexed streams (DSTi/o0 and CSTi/o0 are used to multiplexed data for
Framers 0 to 3 and DSTi/o4 and CSTi/o4 is used for framers 5 to 7).
When the device is in IMA (Inverse Mux for ATM) mode, the mapping is the S-bit followed by 24 PCM channels.
This relationship is shown in Table 3. Note that the S-bit location in the Table is indicated by the bit number; which
starts from bit 0. Hence the strict definition of ST-BUS channels is not adhered to. As in a T1 interface the data on
the DSTi/o is a bit followed by 24 channels.
When signaling information is written to the MT9072 using ST-BUS control links (as opposed to direct writes by the
microport to the on-board signaling registers), the CSTi channels corresponding to the selected DSTi channel
streams are used to transmit the signaling bits. Since the maximum number of signaling bits associated with any
channel is 4 (in the case of ABCD), only half a CSTi (bits 3 to 0) channel is required for sourcing the signaling bits.
Bit A is bit 3 from the CSTi stream, Bit B is 2, Bit C is 1 and Bit D is 0. Unused channels and unused bits are tristate.
In T1 transparent mode, the DSTi data is transparently sent to the PCM24 channels. In transparent mode the data
on the DSTi streams will appear unaltered on the PCM24 links and data received on the PCM24 link will pass
unaltered to the DSTo streams. No signaling insertion or extraction is done in transparent mode. If the TxSYNC
control bit (address Y00) is 1 then the transmit S-bit is overwritten by channel 31 bit 0 in the 2.048 Mbit/s ST-BUS
mode. In the 8.192 Mbit/s ST-BUS mode the S-bits from channels 124, 125, 126, 127 respectively are used to
override the transmit S-bit positions for Framers 0 to 3 or 4 to 7 respectively. If T1 Transparent mode and IMA mode
are both selected then the S-bit and channel bits are transparently mapped as shown in Table 3.
PCM24 Channels
123456789
10
11
12
13
14
15
16
ST-BUS Channels
(DSTi/o and CSTi/o)
0123456779
10
11
12
13
14
15
PCM24 Channels
17
18
19
20
21
22
23
24
-
-
-
----
S-bit
ST-BUS Channels
(DSTi/o and CSTi/o)
16
17
18
19
20
21
22
23
24
x
25
x
26
x
27
x
28
x
29
x
30
x
31
Table 1 - ST-BUS vs. PCM24 Channel Relationship for 2.048 Mbit/s DST/CST Streams (T1)
PCM24 Channels
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
ST-BUS
F0/4
Chan(DSTi/o
F1/5
and CSTi/o)
F2/6
F3/7
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
PCM24 Channels
17
18
19
20
21
22
23
24
S-bit
-
----
-
-
ST-BUS
F0/4
Chan(DSTi/o
F1/5
and CSTi/o)
F2/6
F3/7
64
65
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
124
125
126
127
Table 2 - ST-BUS Channel vs. PCM24 Channel Relationship for 8.192 Mbit/s DST/CST Streams (T1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com