Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9072AB Datasheet(PDF) 33 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 33 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 29Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 30Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 31Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 32Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 33Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 34Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 35Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 36Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 37Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 275 page
background image
MT9072
Data Sheet
33
Zarlink Semiconductor Inc.
38
58
78
118
138
158
M2
T4
N10
L14
G16
B14
CKi[1]
CKi[2]
CKi[3]
CKi[5]
CKi[6]
CKi[7]
I
System Clock. In 2.048 Mbit/s ST-BUS mode this pin accepts the
clock that is used to time the transmit side and receive side of the
framer. In IMA mode it accepts the clock that is used to time the
transmit side of the framer only. Pins CKi[0-7] are used to time
Framers[0-7] respectively. The CKi clock rate is determined by control
bits at (Address 900). This pin has no function in 8.192 Mbit/s mode.
In 2.048 Mbit/s ST-BUS mode this pin accepts the ST-BUS type
4.096 MHz clock that is used to time the data appearing at pins DSTi,
CSTi, DSTo and CSTo. See Figure 34.
In T1 IMA mode this pin accepts the 1.544 MHz clock that is used to
time the transmit data appearing at pin DSTi. IMA mode is selected by
setting the IMA bit (Address Y00) to 1. See Figure 40.
In E1 IMA mode this pin accepts the ST-BUS type 4.096 MHz clock
that is used to time the transmit data appearing at pins DSTi. IMA
mode is selected by setting the IMA bit (Address Y00) to 1. In T1/E1
IMA mode the receive data stream is clocked out of pin DSTo by the
clock output by pin RxDLC.
19
99
H1
R13
FPi[0]
FPi[4]
I
Frame Pulse. This pin accepts a frame pulse that sets the basic frame
boundary for the transmit and receive sides of the framer. The clock
rate is determined by control bits at (Address 900)
In 2.048 Mbit/s mode and in IMA mode, operation is the same as that
described for pins FPi[1-3].
In 8.192 Mbit/s mode this pin accepts an 8.192 Mbit/s ST-BUS type
frame pulse which sets the frame boundary common to four framers.
FPi[0] is used to set the frame boundary for Framers[0-3] and FPi[4] is
used to set the frame boundary for Framers[4-7]. See Figure 36.
8.192 Mbit/s operation is not available in IMA mode.
Pin Description (continued)
Pin #
Name
Type
Description (see Notes 1 to 7)
LQFP
LBGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com