Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9072AB Datasheet(PDF) 26 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 26 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 22Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 23Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 24Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 25Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 26Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 27Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 28Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 29Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 30Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 275 page
background image
MT9072
Data Sheet
26
Zarlink Semiconductor Inc.
9
29
49
69
89
109
128
149
E3
K1
P3
R5
R11
N13
J15
D13
RxDL[0]
RxDL[1]
RxDL[2]
RxDL[3]
RxDL[4]
RxDL[5]
RxDL[6]
RxDL[7]
O
Receive Data Link. The entire received data stream including framing
bits, after B8ZS/HDB3 decoding, is clocked out of the RxDL pin by the
clock at the EXCLi pin. RxDL data does not pass through the receive
slip buffer. The embedded data link is flagged by RxDLC. Pins
RxDL[0-7] are used for Framers[0-7] respectively.
In T1 mode this is a 1.544 Mbit/s data stream clocked out with the
rising edge of the clock at the EXCLi pin.
In E1 mode this is a 2.048 Mbit/s data stream clocked out with the
falling edge of the clock at the EXCLi pin.
10
30
50
70
90
110
129
150
E4
K2
P4
R6
R12
N14
J16
D14
RxDLC[0]
RxDLC[1]
RxDLC[2]
RxDLC[3]
RxDLC[4]
RxDLC[5]
RxDLC[6]
RxDLC[7]
O
Receive Data Link Clock. This pin outputs a clock that can be used to
clock selected bits from the RxDL data stream into an external device.
The RxDLC pin can also be configured as an enable signal. Pins
RxDLC[0-7] are used for Framers[0-7] respectively.
In T1 mode the FDL (Facility Data Link) bits embedded in the RxDL
data stream can be clocked into an external device with the rising
edge of this 4 kHz clock. The rising edge of the clock is centered on
the S-bit position and it is coincident with the falling edge of the clock
provided to the EXCLi pin. The RxDLC pin can be configured as a
clock or an enable signal with the DLCK bit (Address Y06). See Figure
49.
In T1 IMA (Inverse Mux for ATM) mode the RxDLC pin outputs the
same 1.544 MHz clock that is input to the EXCLi pin. In IMA mode the
DSTo data stream will be synchronous with this 1.544 MHz clock. IMA
mode is selected by setting the IMA bit (Address Y00) to 1. See Figure
39.
In E1 mode the selected data link national bits (timeslot 0, bits 4-8 of
the NFAS (Non-Frame Alignment Signal) frames) can be clocked into
an external device with the rising edge of this clock. The Receive Data
Link clock is a gapped 4, 8, 12, 16 or 20 kHz, clock as programmed by
the Datalink Control Register (Address Y08), derived by gating the
2.048 MHz clock provided to the EXCLi pin. The RxDLC pin can be
configured as a clock or an enable signal with the DLCK bit (Address
Y08). See Figure 68.
In E1 IMA (Inverse Mux for ATM) mode the RxDLC pin provides an
ST-BUS type 4.096 MHz clock derived by doubling the 2.048 MHz
clock provided to the EXCLi pin. In IMA mode the DSTo data stream
will be synchronous with this 4.096 MHz clock. IMA mode is selected
by setting the IMA bit (Address Y00) to 1. See Figure 58.
Pin Description (continued)
Pin #
Name
Type
Description (see Notes 1 to 7)
LQFP
LBGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com