Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9072AB Datasheet(PDF) 52 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 52 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 48Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 49Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 50Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 51Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 52Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 53Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 54Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 55Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 56Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 275 page
background image
MT9072
Data Sheet
52
Zarlink Semiconductor Inc.
5.2.3
E1 Channel Associated Signaling (CAS) Multiframing (Timeslot 16)
Refer to the section on Channel Associated Signaling (CAS) Operation.
5.2.4
E1 Framing Algorithm
The MT9072 contains three distinct framing algorithms: basic frame alignment, signaling multiframe alignment and
CRC-4 multiframe alignment. Figure 7 is a state diagram that illustrates these algorithms and how they interact.
After power-up, the basic frame alignment framer will search for a frame alignment signal (FAS) in the PCM30
receive bit stream. Once the FAS is detected, the corresponding bit 2 of the non-frame alignment signal (NFAS) is
checked. If bit 2 of the NFAS is zero a new search for basic frame alignment is initiated. If bit 2 of the NFAS is one
and the next FAS is correct, the algorithm declares that basic frame synchronization has been found (status register
address Y10
bit BSYNC is reset to zero).
Once basic frame alignment is acquired the signaling and CRC-4 multiframe searches will be initiated. The
signaling multiframe algorithm will align to the first multiframe alignment signal pattern (MFAS = 0000) it receives in
the most significant nibble of channel 16 (status register address Y10 bit MSYNC is zero). Signaling multiframe
alignment will be lost when two consecutive multiframes are received in error.
The CRC-4 multiframe alignment signal is a 001011 bit sequence that appears in PCM30 bit position one of the
NFAS in frames 1, 3, 5, 7, 9 and 11 (see Table 12). In order to achieved CRC-4 synchronization two consecutive
CRC-4 multiframe alignment signals must be received without error (status register address Y10 bit CSYNC is
zero).
The MT9072 framing algorithm supports automatic interworking of interfaces with and without CRC-4 processing
capabilities. That is, if an interface with CRC-4 capability, achieves valid basic frame alignment, but does not
AUTC
ARAI
TALM
Description
00
X
Automatic CRC-interworking is activated. If no valid CRC MFAS is being
received, transmit RAI will flicker high with every reframe (8 msec), this cycle
will continue for 400 msec., then transmit RAI will be low continuously. The
device will stop searching for CRC MFAS, continue to transmit CRC-4
remainders, stop CRC-4 processing, indicate CRC-to-non-CRC operation and
transmit E-bits to be the same state as the TE control bit (control register
address Y00).
010
Automatic CRC-interworking is activated. Transmit RAI is low continuously.
011
Automatic CRC-interworking is activated. Transmit RAI is high
continuously.
10
X
Automatic RAI is activated. Automatic CRC-interworking is de-activated. If
no valid CRC MFAS is being received, transmit RAI flickers high with every
reframe (8 msec), this cycle continues for 400 msec, then transmit RAI
becomes high continuously. The device continues to search for CRC MFAS
and transmit E-bits are the same state as the TE control bit. When CSYN = 0,
the CRC MFAS search is terminated and the transmit RAI goes low.
110
Automatic RAI is activated. Automatic CRC-interworking is de-activated.
Transmit RAI is low continuously.
111
Automatic RAI is activated. Automatic CRC-interworking is de-activated.
Transmit RAI is high continuously.
Table 13 - Operation of AUTC, ARAI and TALM Control Bits (E1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com