Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9072AB Datasheet(PDF) 76 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 76 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 72Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 73Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 74Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 75Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 76Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 77Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 78Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 79Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 80Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 275 page
background image
MT9072
Data Sheet
76
Zarlink Semiconductor Inc.
9.1.9
HDLC Receiver
After initialization and enabling, the receiver clocks in serial data, continuously checking for Go-aheads (0 1111
1110), flags (0111 1110), and Idle Channel states (at least fifteen ones). When a flag is detected, the receiver
synchronizes itself to the serial stream of data bits, automatically calculating the FCS. If the data length between
flags after zero removal is less than 25 bits, then the packet is ignored so no bytes are loaded into Rx FIFO. When
the data length after zero removal is between 25 and 31 bits, a first byte and bad FCS code are loaded into the Rx
FIFO (see definition of RQ8 and RQ9 below).
If address recognition is required, the Receiver Address Recognition Registers are loaded with the desired address
and the Adrec bit in the HDLC Control Register is set high(YF2). Bit 0 and 8 of the Address Register are used as
enable bits for their respective byte, thus allowing either or both of the first two bytes to be compared to the
expected values. Bit 0 of the first byte of the address received (address extension bit) will be monitored to
determine if a single or dual byte address is being received. If this bit is 0 then a two byte address is being received
and then only the first six bits of the first address byte are compared. An all call condition is also monitored for the
second address byte; and if received the first address byte is ignored (not compared with mask byte). If the address
extension bit is a 1 then a single byte address is being received. In this case, an all call condition is monitored for in
the first byte as well as the mask byte written to the comparison register and the second byte is ignored. Seven bits
of address comparison can be realized on the first byte if this is a single byte address by setting the Seven bit of
HDLC control register (YF2).
T
he following two Status Register bits (RQ8 and RQ9) are appended to each data byte as it is written to the Rx
FIFO. They indicate that a good packet has been received (good FCS and no frame abort), or a bad packet with
either incorrect FCS or frame abort. The Status and Interrupt Registers should be read before reading the Rx FIFO
since Status and Interrupt information correspond to the byte at the output of the FIFO (i.e., the byte about to be
read). The Status Register bits are encoded as follows:
RQ9
RQ8
Byte status
1
1
last byte (bad packet)
0
1
first byte
1
0
last byte (good packet)
0
0
packet byte
The end-of-packet-detect (EOPD) interrupt indicates that the last byte written to the Rx FIFO was an EOP byte (last
byte in a packet). The end-of-packet-read (EOPR) interrupt indicates that the byte about to be read from the Rx
FIFO is an EOP byte (last byte in a packet). The Status Register should be read to see if the packet is good or bad
before the byte is read.
A minimum size packet has an 8-bit address, an 8-bit control byte, and a 16-bit FCS pattern between the opening
and closing flags. Thus, the absence of a data transmission error and a frame length of at least 32 bits results in the
receiver writing a valid packet code with the EOP byte into Rx FIFO. The last 16 bits before the closing flag are
regarded as the FCS pattern and will not be transferred to the receiver FIFO. Only data bytes (Address, Control,
Information) are loaded into the Rx FIFO.
In the case of an Rx FIFO overflow, no clocking occurs until a new opening flag is received. In other words, the
remainder of the packet is not clocked into the FIFO. Also, the top byte of the FIFO will not be written over. If the
FIFO is read before the reception of the next packet then reception of that packet will occur. If two beginning of
packet conditions (RQ9=0;RQ8=1) are seen in the FIFO, without an intermediate EOP status, then overflow
occurred for the first packet.
The receiver may be enabled independently of the transmitter. This is done by setting the RXEN bit of HDLC
Control Register. Enabling happens immediately upon writing to the register. Disabling using RXEN will occur after
the present packet has been completely loaded into the FIFO. Disabling can occur during a packet if no bytes have
been written to the FIFO yet. Disabling will consist of disabling the internal receive clock. The FIFO, Status, and
Interrupt Registers may still be read while the receiver is disabled. Note that the receiver requires a flag before



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com