Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9072AB Datasheet(PDF) 64 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 64 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 60Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 61Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 62Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 63Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 64Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 65Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 66Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 67Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 68Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 275 page
background image
MT9072
Data Sheet
64
Zarlink Semiconductor Inc.
8.0
Signaling
8.1
T1 Signaling
8.1.1
T1 Robbed Bit Signaling
When global control bit RBEn (Y04, Bit 8) is high the MT9072 will insert ABCD or AB signaling bits into bit 8 of
every transmit DS0 every 6th frame if the corresponding per channel Clear Channel bit(CC) is turned off. For the
transmitter Robbed bit signaling can be turned off on a per channel basis by setting CC bit in per timeslot control
register(Y90-YAF). The AB or ABCD signaling bits from received frames 6 and 12 (AB) or from frames 6, 12, 18 and
24 (ABCD) will be loaded into an internal storage RAM. The transmit AB/ ABCD signaling nibbles can be set either
via the microport or through related channels of the CSTi serial links, see
ST-BUS vs. PCM24 Channel
Relationship in Tables 1 to 2. If the MPST bit is set in the Per Timeslot Control register(Y90-YAF), the transmit
signaling is sourced from the microport and not updated from the CSTi channel. If the MPST bit is not set, any
values written to the transmit signaling memory will be overwritten by the CSTi stream.
The receive signaling bits are stored in an internal RAM. These bits can be sourced to the CSTo streams. The serial
control streams that contain the transmit / receive signaling information (CSTi and CSTo respectively) can be
clocked at 2.048 MHz, or 8.192 MHz (global control0 register 900). In the case of 8.192 MHz the signaling from
framers 0 to 3 are sent and received by CSTi0/CSTo0 and framer 4 to 7 are sent and received on CSTi4/CSTo4.
The selection of the CSTi/CSTo interface is done by the number of signaling channels to be transmitted / received =
24 (timeslots) x 4 bits per timeslot (ABCD) = 24 nibbles. This leaves many unused nibble positions in the
2.048 MHz CSTi / CSTo bandwidth. These unused nibble locations are tristated. The usage of the bit stream is as
follows: the signaling bits are inserted / reported in the same CSTi / CSTo channels that correspond to the DS1
channels used in DSTi / DSTo - see Table 1 to 2. The ABCD are in the least significant nibble of each channel.
Unused nibbles and timeslots are tristate. In order to facilitate multiplexing on the CSTo control stream, an
additional control bit CSToEn (bit 1 of the interrupt and IO Control Word YF1) will tristate the whole stream when set
low. This control bit is forced low when the reset pin is asserted. In the case of D4 trunks, only AB bits are reported.
The control bits SM1-0(Register Y04) allow the user to program the 2 unused bits reported on CSTo in the signaling
nibble(for D4 Mode) otherwise occupied by CD signaling bits in ESF trunks.
A receive signaling bit debounce of 6 msec can be selected (RSDB set high - bit 6 of the signaling Control Word
Y04) for all T1 Modes.
If multiframe synchronization is lost (Synchronization and Alarm Status Word(Y10) Bit 12, MFSYNC = 1), the
receive signaling bits are frozen. They will become unfrozen when multi - frame synchronization is acquired (this is
the same as terminal frame synchronization for ESF links).
When the CASRI interrupt is unmasked, IRQ will become active when a signaling state change is detected in any of
the 24 receive channels and a selectable 1 msec, 4 msec or 8 msec timer (Y04 bit 0,1) has expired. This function
helps to reduce the frequency of interrupts generated due to signaling changes. For instance if 7 channels had a
signaling change only one interrupt will be generated in a 2, 8, or 16 msec duration. Upon an interrupt the user has
to read the CAS registers (Y70 to Y87)t o determine the channels with a signaling change.The CASRIM interrupt
mask is located in register Y45 bit 2 (reset low to enable interrupt); and the CASRI interrupt status bit in register is
Y35 bit 2. Any channels marked as clear channels will not generate an interrupt due to changes in ABCD bits.
When bit 0 (CC) in the per timeslot control word (Y90 to YA7) is set no bit robbing for the purpose of signaling will
occur in this channel and no signaling change interrupts will be generated by the channel. When bit 7 (MPST) is
set, the transmit signaling for the addressed channel can only be programmed by writing to the transmit signaling
page (Y50 to Y67) via the microport. If MPST is zero, the transmit signaling information is constantly updated with
the information from the equivalent channel on CSTi.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com